Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-92MH Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-92MH
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-92MH Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-92MH Datasheet HTML 1Page - Mini-Circuits ADE-92MH Datasheet HTML 2Page - Mini-Circuits ADE-92MH Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Level 13 (LO Power +13 dBm) 400 to 900 MHz
Frequency Mixer
High IP3
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
REV. OR
M121478
ADE-92MH+
EDR-9386/1F3
RAV
1000729
Electrical Schematic
Features
• high IP3, +26 dBm typ.
• good L-R isolation, 40 dB typ.
• good L-I isolation, 26 dB typ.
• aqueous washable
• patent pending
Applications
• cellular
• GSM
• ISM
ADE-92MH+
Outline Drawing
PCB Land Pattern
Suggested Layout
Tolerance to be within ±.002
FF
B
E MAX
A±.01
J REF.
INDEX
G TYP
H TYP
C
G TYP
K TYP
L
D TYP
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Electrical Specifications
Typical Performance Data
Frequency
Conversion
Isolation
Isolation
VSWR
VSWR
IP3
(MHz)
Loss
L-R
L-I
RF PORT
LO PORT
(dBm)
(dB)
(dB)
(dB)
(:1)
(:1)
LO
LO
LO
LO
LO
LO
RF
LO
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
+13dBm
400.10
470.10
6.00
41.12
29.53
2.04
23.05
21.44
420.10
490.10
5.92
41.61
29.73
2.06
21.62
21.45
460.10
530.10
5.94
42.40
29.67
2.18
18.66
22.35
500.10
570.10
6.01
42.95
28.80
2.30
14.98
24.42
520.10
590.10
5.99
42.91
27.98
2.32
13.08
25.06
540.10
610.10
6.05
42.41
27.10
2.36
11.16
25.17
580.10
650.10
6.30
41.11
25.72
2.58
8.27
27.7
600.10
670.10
6.39
40.28
25.13
2.65
6.95
31.09
620.10
690.10
6.50
39.48
24.62
2.74
6.00
35.77
640.10
710.10
6.62
38.60
24.26
2.82
5.18
35.96
680.10
750.10
6.79
37.21
23.98
2.93
4.00
36.11
700.10
770.10
6.92
37.10
23.91
3.01
3.63
31.27
740.10
810.10
7.14
37.75
23.99
3.16
3.20
26.18
760.10
830.10
7.27
38.76
24.25
3.19
3.13
26.81
780.10
850.10
7.29
39.88
24.64
3.16
3.11
29.23
800.10
870.10
7.27
40.11
25.10
3.13
3.16
31.98
840.10
910.10
7.42
39.42
26.01
3.20
3.38
33.03
860.10
930.10
7.54
39.18
26.21
3.28
3.52
34.97
880.10
950.10
7.60
39.00
26.17
3.33
3.67
35.44
900.10
970.10
7.74
38.91
26.15
3.43
3.85
33.43
CASE STYLE: CD636
PRICE: $ 5.95 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.58
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
.25
RF
IF
LO
Matching
Network
Matching
Network
FET
Quad
1. TRACE WIDTH IS SHOWN FOR ROGERS RO4350B WITH DIELECTRIC
THICKNESS .030"± .002"; COPPER: 1/2 OZ. EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
NOTES:
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
1 dB COMP.: +17 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
400-900
DC-150
6.8
0.1
9.5
40
31
26
18
26
Permanent damage may occur if any of these limits are exceeded.
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
100 mW
IF Current
40 mA
LO
6
RF
3
IF
2
GROUND
1,4,5
* Conversion Loss increases up to 10dB @ IF Frequency 120-150MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com