Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAG3110 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Sensors
13
Freescale Semiconductor
MAG3110
5.2
Device ID
5.2.1
WHO_AM_I (0x07)
Device identification register. This read-only register contains the device identifier which is set to 0xC4. This value is factory
programmed. Consult factory for custom alternate values.
5.2.2
SYSMOD (0x08)
The read-only system mode register indicates the current device operating mode.
5.3
User Offset Correction
5.3.1
OFF_X_MSB (0x09), OFF_X_LSB (0x0A), OFF_Y_MSB (0x0B), OFF_Y_LSB (0x0C),
OFF_Z_MSB (0x0D), OFF_Z_LSB (0x0E)
X-axis, Y-axis, and Z-axis user defined offsets in 2's complement format which are used when RAW = 0 (see section 5.5.2) to
correct for the MAG3110 zero flux offset and for hard iron offsets on the PCB caused by external components. The maximum
sensible range for the user offsets is in the range -15,000 to 15,000 bit counts comprising the sum of the correction for the zero
flux offset (range -500
μT to 500 μT or -5000 to 5000 bit counts) and the PCB hard iron offset (range -1000 μT to 1000 μT or
-10,000 to 10,000 bit counts).
The user offsets are automatically subtracted by the MAG3110 logic when RAW = 0 before the magnetic field readings are
written to the data measurement registers 0x01 to 0x06. The maximum range of the X, Y and Z data measurement registers when
RAW = 0 is therefore -30,000 to 30,000 bit counts and is computed without clipping. The user offsets are not subtracted when
RAW = 1. The least significant bit of the user defined X, Y and Z offsets is forced to be zero irrespective of the value written by
the user.
If the MAG3110 zero flux offset and PCB hard iron offset corrections are performed by an external microprocessor (the most
likely scenario) then the user offset registers can be ignored and the RAW bit should be set to 1.
The user offset registers should not be confused with the factory calibration corrections which are not user accessible and
which are always applied to the measured magnetic data.
Table 18. WHO_AM_I Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
110
0
0100
Table 19. SYSMOD Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00000
0
SYSMOD1
SYSMOD0
Table 20. SYSMOD Description
SYSMOD
System Mode. Default value: 00.
00: STANDBY mode.
01: ACTIVE mode, RAW data.
10: ACTIVE mode, non-RAW user-corrected data.
Table 21. OFF_X_MSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD14
XD13
XD12
XD11
XD10
XD9
XD8
XD7
Table 22. OFF_X_LSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD6
XD5
XD4
XD3
XD2
XD1
XD0
0
Table 23. OFF_Y_MSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD14
YD13
YD12
YD11
YD10
YD9
YD8
YD7
Table 24. OFF_Y_LSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD6
YD5
YD4
YD3
YD2
YD1
YD0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com