Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT025GC2TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZRT025GC2TA
Description  2.5V LOW POWERPRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT025GC2TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZRT025GC2TA Datasheet HTML 1Page - Diodes Incorporated ZRT025GC2TA Datasheet HTML 2Page - Diodes Incorporated ZRT025GC2TA Datasheet HTML 3Page - Diodes Incorporated ZRT025GC2TA Datasheet HTML 4Page - Diodes Incorporated ZRT025GC2TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTES:
(a) Output change with temperature
The absolute maximum difference between the
maximum output voltage and the minimum output
voltage over the specified temperature range
VR=Vmax-Vmin
(b) Output temperature coefficient (TCVR)
The ratio of the output change with temperature to the
specified temperature range expressed in ppm/°C
TV
Vx
Vx T
ppm C
CR
R
R
=°
∆
∆
10
6
T= Full temperature range
(c) Slope resistance (RS)
The slope resistance is defined as :
RS
changeinV
specificcurrentrange
R
=
I=5-0.5=4.5mA (typically)
(d) Line regulation
The ratio of change in output voltage to the change in
input voltage producing it.
Rx
VxR
V
S
RSOURCE
100
%/
ZRT025
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2003
3
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com