Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 13892_11 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VGEN1 LOW POWER MODE DC - VGEN1MODE = 1
Output Voltage VOUT - VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VGEN1 = 00, 01
VGEN1 = 10, 11
VGEN1LO
VNOM – 0.05
VNOM -3%
VNOM
VNOM
VNOM + 0.05
VNOM +3%
V
Current Load Range ILMINLP to ILMAXLP
IGEN1LO
0
-
3.0
mA
VGEN2 GENERAL
Operating Input Voltage Range VINMIN to VINMAX
All settings, BP biased
VGEN2=000,001, External switcher supplied
VINGEN2
UVDET<
VNOM+0.25
2.15
-
2.2
4.65
4.65
V
Operating Current Load Range ILMIN to ILMAX (Not exceeding PNP max
power)
IGEN2
0
-
350
mA
Minimum Bypass Capacitor Value
COGEN2
1.1
2.2
+35%
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRGEN2
20
-
100
m
Ω
VGEN2 ACTIVE MODE DC
Output Voltage VOUT
VGEN2 = 000, 001, 010, VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VGEN2 = 011, 100, 101, 110, 111, VINMIN < VIN < VINMAX ILMIN < IL <
ILMAX
VGEN2
VNOM -0.05
VNOM -3%
VNOM
VNOM
VNOM +0.05
VNOM +3%
V
Load Regulation
1.0 mA < IL < ILMAX, For any VINMIN < VIN < VINMAX
VGEN2LOR
-
-
0.20
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, For any ILMIN < IL < ILMAX
VGEN2LIR
-
5.0
8.0
mV
Short-circuit Protection Threshold
VINMIN < VIN < VINMAX, Short-circuit VOUT to GND
VGEN2SHT
ILMAX+20%
-
-
mA
VGEN2 LOW POWER MODE DC - VGEN2MODE=1
Output Voltage VOUT - VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VGEN2 = 000 to 010
VGEN2 = 011 to 111
VGEN2LO
VNOM -0.05
VNOM -3%
VNOM
VNOM
VNOM +0.05
VNOM +3%
V
Current Load Range ILMINLP to ILMAXLP
IGEN2LO
0
-
3.0
mA
Table 5. Static Electrical Characteristics
Characteristics noted under conditions -40
°C ≤ T
A ≤ 85 °C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com