Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZRT040
Description  4.01V LOW POWER PRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT040 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZRT040 Datasheet HTML 1Page - Diodes Incorporated ZRT040 Datasheet HTML 2Page - Diodes Incorporated ZRT040 Datasheet HTML 3Page - Diodes Incorporated ZRT040 Datasheet HTML 4Page - Diodes Incorporated ZRT040 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ZRT040
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2003
5
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
–
1.80
–
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
–
0.0355
–
D
6.30
6.70
0.248
0.264
––––
PACKAGE DIMENSIONS
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PACKAGE OUTLINE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com