Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040GC1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZRT040GC1
Description  4.01V LOW POWER PRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT040GC1 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZRT040GC1 Datasheet HTML 1Page - Diodes Incorporated ZRT040GC1 Datasheet HTML 2Page - Diodes Incorporated ZRT040GC1 Datasheet HTML 3Page - Diodes Incorporated ZRT040GC1 Datasheet HTML 4Page - Diodes Incorporated ZRT040GC1 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZRT040
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2003
2
SYMBOL
PARAMETER
INITIAL
VOLTAGE
TOLERANCE %
GRADE A
GRADE C
UNIT
TYP
MAX
TYP
MAX
∆VR
Output voltage change over
relevant temperature
range(See note (a))
1 & 2
11.0
36,0
7.5
24.0
mV
TCVR
Output voltage temperature
coefficient (See note (b))
1 & 2
15.0
50.0
15.0
50.0
ppm/°C
TEMPERATURE DEPENDENT ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
LIMIT
UNIT
Reverse current
(1)
75
mA
Operating temperature:
A grade
C grade
TOMP
-55 to 125
-40 to 85
°C
°C
Storage temperature
TSTG
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS
(1) Above 25°C this figure should be linearly derated to 15mA at 125°C
PACKAGE
VALUE
UNIT
SOT223
2
W
POWER DISSIPATION (at Tamb = 25°C unless otherwise stated)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VR
Output voltage
1% tolerance (A1,C1)
2% tolerance (C2)
IR=500 A
3.97
3.93
4.01
4.01
4.05
4.09
V
V
VTRIM
Output voltage adjustment range
RT=100k
5%
TC VTRIM
Change in TCVR with output adjustment
2.5
ppm/°C/%
IR
Operating current range
0.15
75
mA
ton
toff
Turn-on time
Turn-off time
RL=1k
40
0.3
s
enp-p
Output voltage noise (over the range 0.1
to 10Hz)
Peak to peak
measurement
50
V
RS
Slope resistance
IR= 0.5mA to
5mA
(See note (c))
1.1
3.0
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com