Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533E Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8533E
Description  MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533E Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8533E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
MPC8533E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 5
Freescale Semiconductor
83
Package Description
SD2_REF_CLK
AF2
I
XVDD
SD2_TST_CLK
AG4
SD2_TST_CLK
AF4
General-Purpose Output
GPOUT[0:7]
AF22, AH23, AG27, AH25, AF21, AF25, AG26,
AF26
OOVDD
General-Purpose Input
GPIN[0:7]
AH24, AG24, AD23, AE21, AD22, AF23, AG25,
AE20
IOVDD
System Control
HRESET
AG16
I
OVDD
HRESET_REQ
AG15
O
OVDD
21
SRESET
AG19
I
OVDD
CKSTP_IN
AH5
I
OVDD
CKSTP_OUT
AA12
O
OVDD
2, 4
Debug
TRIG_IN
AC5
I
OVDD
TRIG_OUT/READY/
QUIESCE
AB5
O
OVDD
5, 8, 15,
21
MSRCID[0:1]
Y7, W9
O
OVDD
4, 5, 8
MSRCID[2:4]
AA9, AB6, AD5
O
OVDD
5, 15, 21
MDVAL
Y8
O
OVDD
5
CLK_OUT
AE16
O
OVDD
10
Clock
RTC
AF15
I
OVDD
SYSCLK
AH16
I
OVDD
JTAG
TCK
AG28
I
OVDD
TDI
AH28
I
OVDD
11
TDO
AF28
O
OVDD
10
TMS
AH27
I
OVDD
11
TRST
AH22
I
OVDD
11
Table 57. MPC8533E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com