Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT0805E10R0DGT. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PHT0805E10R0DGT.
Description  High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHT0805E10R0DGT. Datasheet(HTML) 2 Page - Vishay Siliconix

  PHT0805E10R0DGT. Datasheet HTML 1Page - Vishay Siliconix PHT0805E10R0DGT. Datasheet HTML 2Page - Vishay Siliconix PHT0805E10R0DGT. Datasheet HTML 3Page - Vishay Siliconix PHT0805E10R0DGT. Datasheet HTML 4Page - Vishay Siliconix PHT0805E10R0DGT. Datasheet HTML 5Page - Vishay Siliconix PHT0805E10R0DGT. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PHT
www.vishay.com
Vishay Sfernice
Revision: 14-Jan-15
2
Document Number: 53050
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PHT STABILITY CURVE
Note
• Stability will be dependent on resistivity of resistor. Above curves are worst case.
TABLE 1 - TEMPERATURE COEFFICIENT
Y
10 ppm/°C
-55 °C; +155 °C
15 ppm/°C
-55 °C; +215 °C
E
25 ppm/°C
-55 °C; +155 °C
30 ppm/°C
-55 °C; +215 °C
H
50 ppm/°C
-55 °C; +155 °C
55 ppm/°C
-55 °C; +215 °C
TABLE 2 - BEST TOLERANCE AND TCR VS. OHMIC VALUE
SERIES
RANGE (
)
TOL. (± %)
TCR CODE
0402
10 to < 100
0.05; 0.1; 0.5; 1
Y; E; H
100 to < 90K
0.01; 0.02; 0.05; 0.1; 0.5; 1
Y; E; H
90K to 130K
0.01; 0.02; 0.05; 0.1; 0.5; 1
E; H
0603
10 to < 100
0.05; 0.1; 0.5; 1
Y; E; H
100 to < 210K
0.01; 0.02; 0.05; 0.1; 0.5; 1
Y; E; H
210K to 320K
0.01; 0.02; 0.05; 0.1; 0.5; 1
E; H
0805
10 to < 100
0.05; 0.1; 0.5; 1
Y; E; H
100 to < 480K
0.01; 0.02; 0.05; 0.1; 0.5; 1
Y; E; H
480K to 720K
0.01; 0.02; 0.05; 0.1; 0.5; 1
E; H
1206
10 to < 100
0.05; 0.1; 0.5; 1
Y; E; H
100 to < 1.8M
0.01; 0.02; 0.05; 0.1; 0.5; 1
Y; E; H
1.8M to 2.7M
0.01; 0.02; 0.05; 0.1; 0.5; 1
E; H
2010
10 to < 100
0.05; 0.1; 0.5; 1
Y; E; H
100 to < 5M
0.01; 0.02; 0.05; 0.1; 0.5; 1
Y; E; H
5M to 7.5M
0.01; 0.02; 0.05; 0.1; 0.5; 1
E; H
0.0
Time in h
High Temperature Drift vs. Time
0
2000
4000
6000
8000
10 000
12 000
14 000
0.2
0.4
0.8
1.2
1.6
1.8
2.0
1.4
0.6
1.0
With Pd
(T
j = 230 °C)
T = 185 °C
T = 200 °C
T = 215 °C
T = 230 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com