Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4100 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC4100
Description  LCD Dot Matrix Common Driver for STN Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4100 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC4100 Datasheet HTML 1Page - Sanyo Semicon Device LC4100 Datasheet HTML 2Page - Sanyo Semicon Device LC4100 Datasheet HTML 3Page - Sanyo Semicon Device LC4100 Datasheet HTML 4Page - Sanyo Semicon Device LC4100 Datasheet HTML 5Page - Sanyo Semicon Device LC4100 Datasheet HTML 6Page - Sanyo Semicon Device LC4100 Datasheet HTML 7Page - Sanyo Semicon Device LC4100 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
No. 5279-2/8
LC4100C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
3.0
5.5
V
Supply voltage
VEEn
20
36
V
VSSn
0
V
Input high-level voltage
VIH
LOAD, L/R, DISP, DF, EIO1, EIO3, EIO4
0.8 VDD
VDD
V
Input low-level voltage
VIL
LOAD, L/R, DISP, DF, EIO1, EIO3, EIO4
0
0.2 VDD
V
V0, V1
V0, V1
VEEn – 7
VEEn
V
Input voltage
V4
V4
0
VEEn + 7
V
V5
V5
0
V
Clock frequency
fload
LOAD
1
MHz
VDD =
High-level clock
tw (ldh)
LOAD
50
ns
5 V ± 10%
pulse width
EIO input setup time
tsu (ei)
LOAD, EIO1, EIO3, EIO4
100
ns
EIO input hold time
tho (ei)
LOAD, EIO1, EIO3, EIO4
30
ns
Clock frequency
fload
LOAD
200
kHz
VDD =
High-level clock
tw (ldh)
LOAD
120
ns
3 to 4.5 V
pulse width
EIO input setup time
tsu (ei)
LOAD, EIO1, EIO3, EIO4
120
ns
EIO input hold time
tho (ei)
LOAD, EIO1, EIO3, EIO4
40
ns
Allowable Operating Ranges at Ta = –20 to +75°C, standard VSS, VEEn = VEE1 or VEE2, VSSn = VSS1 or VSS2
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level current
IIH
VIN = VDD: LOAD, L/R, DISP, DF, EIO1, EIO3, EIO4
1
µA
Input low-level current
IIL
VIN = VSS: LOAD, L/R, DISP, DF, EIO1, EIO3, EIO4
–1
µA
Output high-level voltage
VOH
IO = –0.4 mA: EIO1, EIO4
0.8 VDD
VDD
V
Output low-level voltage
VOL
IO = 0.4 mA: EIO1, EIO4
VSS
0.2 VDD
V
VEE1, VEE2 = 20 V, V0 = 20 V, V0 – V0 = 0.5 V,
Output on resistance
ROUT
V1 = 20 V, V1 – V0 = 0.5 V, V4 = 0 V, V0 – V4 = 0.5 V,
0.3
0.6
k
V5 = 0 V, V0 – V5 = 0.5 V: OUT1 to OUT240
Current drain (1)
IDD
VDD = 3 to 5.5 V, fcp = 50 kHz, fDF = 100 Hz,
300
µA
with no output load
Current drain (2)
IEE
VEEn = 36 V, 1 data shift
750
µA
Electrical Characteristics at Ta = –20 to +75°C, standard VSS, VDD = 3 to 5.5 V
Note: 1. The voltages V1, V2, V3, V4, and V5 must obey the relationships VEEn ≥ V0 ≥ V1 ≥ VEE – 7, and 7 ≥ V4 ≥ V5 ≥ VSSn. (Unit: V)
2. When turning on the power supplies, first turn on the logic system power supply and then turn on the high-voltage system power supply;
alternatively, turn both on at the same time.
When turning off the power supplies, first turn off the high-voltage system power supply and then turn off the logic system power supply;
alternatively, turn both off at the same time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com