Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZUMT718 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZUMT718
Description  Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZUMT718 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZUMT718 Datasheet HTML 1Page - Diodes Incorporated ZUMT718 Datasheet HTML 2Page - Diodes Incorporated ZUMT718 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-20
V
IC= -100A
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
V
IC= -10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE= -100A
Collector Cut-Off
Current
ICBO
-10
nA
VCB=-15V
Emitter Cut-Off
Current
IEBO
-10
nA
VEB=-4V
Collector Emitter
Cut-Off Current
ICES
-10
nA
VCES=-15V
Collector-Emitter
Saturation Voltage
VCE(sat)
-33.5
-80
-130
-180
-45
-110
-175
-250
mV
mV
mV
mV
IC= -0.1A, IB= -10mA*
IC= -0.25A, IB= -10mA*
IC= -0.5A, IB=-20 mA*
IC= -1A, IB= -100mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-970
-1100
mV
IC= -1A, IB= -100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-850
-1100
mV
IC= -1A, VCE= 2V*
Static Forward
Current Transfer
Ratio
hFE
300
300
200
100
20
490
450
315
160
75
IC= -10mA, VCE=-2V*
IC= -0.1A, VCE= -2V*
IC= -0.5A, VCE=-2V*
IC= -1A, VCE= -2V*
IC= -1.5A, VCE= -2V*
Transition
Frequency
fT
210
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
11
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
60
ns
VCC= -10V, IC= -1A
IB1=IB2=-100mA
Turn-Off Time
t(off)
135
ns
*Measured under pulsed conditions. Pulse width=300
s. Duty cycle  2%
ZUMT718
38



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com