Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX5T3Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZX5T3Z
Description  40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T3Z Datasheet(HTML) 2 Page - Diodes Incorporated

  ZX5T3Z Datasheet HTML 1Page - Diodes Incorporated ZX5T3Z Datasheet HTML 2Page - Diodes Incorporated ZX5T3Z Datasheet HTML 3Page - Diodes Incorporated ZX5T3Z Datasheet HTML 4Page - Diodes Incorporated ZX5T3Z Datasheet HTML 5Page - Diodes Incorporated ZX5T3Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZX5T3Z
ISSUE 1 - OCTOBER 2003
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
139
°C/W
Junction to ambient
(b)
R JA
83
°C/W
Junction to ambient
(c)
R JA
60
°C/W
Junction to ambient
(d)
R JA
42
°C/W
NOTES
(a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(c) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(d) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB measured at t
5 secs.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-50
V
Collector-base voltage
BVCBS
-50
V
Collector-emitter voltage
BVCEO
-40
V
Emitter-base voltage
BVEBO
-7.5
V
Continuous collector current
(b)
IC
-5.5
A
Peak pulse current
ICM
-15
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
0.9
7.2
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
1.5
12
W
mW/°C
Power dissipation at TA =25°C
(c)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Power dissipation at TA =25°C
(d)
Linear derating factor
PD
3
24
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com