Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLSL30
Description  LED Lighting Development Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL30 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLSL30 Datasheet HTML 1Page - Vishay Siliconix VLSL30 Datasheet HTML 2Page - Vishay Siliconix VLSL30 Datasheet HTML 3Page - Vishay Siliconix VLSL30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
introduction
Vishay’s LED Lighting Development Kit is designed to give you everything you need to get up to speed designing with our solid-
state lighting solutions. The kit includes an
Led lighting panel, reflectors, and a driver module. It provides the basic tools
to help you avoid development delays and focus on getting your product to market quickly, while adopting energy-efficient,
environmentally friendly, long-lifetime LED lighting technology.
LED Lighting DEvELoPmEnt Kit
Vishay Semiconductors
reflectors: vLsL-refL01
Aluminum alloy reflectors are provided to enable you to control the viewing angles and the pattern of illumination. As shown
below, without reflectors the viewing angle is 120°. This viewing angle can be tightened to 55° with the use of the reflectors.
Five reflectors are provided with each kit.
With reflectors, pattern is 55º x 120º oval
Without reflectors, pattern is ~120º cone
For technical support, contact: LED@vishay.com
Lighting panel: vLsL30 and vLsL31
The fully populated LED lighting panel included in each kit
consists of 4 strings of 6 LEDs mounted on a single-sided,
single-layer, copper-based PCB. A shiny white surface
provides a small degree of reflectivity of incident light. The
copper surface helps conduct heat away from the LEDs. Two
lighting panels are available. The cool white panel features
Vishay’s VLMW711U2U3XV high bright white LEDs with color
temperatures from 5000 K to 7000 K and has luminous flux
of 2160 lumens. The neutral white panel features Vishay’s
VLMW711T3U2US LEDs with color temperatures from
3800 K to 5000 K and has luminous flux of 1900 lumens.
121 mm
20
20.0
reflector mounting holes
www.vishay.com
Vishay Intertechnology



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com