Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL31 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLSL31
Description  LED Lighting Development Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL31 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLSL31 Datasheet HTML 1Page - Vishay Siliconix VLSL31 Datasheet HTML 2Page - Vishay Siliconix VLSL31 Datasheet HTML 3Page - Vishay Siliconix VLSL31 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED Lighting DEvELoPmEnt Kit
Vishay Semiconductors
panel part number
cool White
vLsL30
natural White
vLsL31
number
of panels
number of reflectors
vLsL-refL01
number of drivers
vLsL3-dU
VlSl30-ldk
√
1
5
1
VlSl31-ldk
√
For technical support, contact: LED@vishay.com
• DC input supply voltage: 12 V, typical (11 V to 16 V)
• Input current: 2 A, typical
• Output current, constant: 1.4 A (4 strings at 350 mA)
• Output voltage (ƒ∑Vf-string): 19.5 V, typical (18 V to 24 V)
• Maximum operating temperature: - 40 °C to + 105 °C
• Current source outputs ESD protected: > 30 kV,
ieC 61000-4-2
• Standby current: 20 mA maximum at 25 °C
• RS232 digital interface
• Ambient light sensor input
-
Driver will adjust the pulse width modulation to one of
four settings: 100 %, 75 %, 50 %, or 25 %
driver: vLsL3-dU
The LED Driver board provides power to one or two panels. It provides a constant current source to up to 8 strings of 6 LEDs.
A 12-V DC source is required to power the driver. The board features undervoltage and overvoltage protection. The driver’s
operating temperature is from – 40 °C to + 105 °C. Every component on the board is AEC-Q101 qualified and, where possible,
sourced from Vishay. Each kit comes with one driver module.
1-Anode
1-Cathode 4
1-Cathode 3
1-Cathode 2
1-Cathode 1
2-Anode
2-Cathode 4
2-Cathode 3
2-Cathode 2
2-Cathode 1
nC
PWM-In
PWM-Out
PGnd
ALS-Anode
ALS-Cathode
1-Power_GND
1-Power_+12V
2-Power_GND
2-Power_+12V
kit ordering information
www.vishay.com
Vishay Intertechnology
discLAimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, “Vishay”), disclaim
any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described
herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty
expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein
are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at
their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such
applications. Product names and markings noted herein may be trademarks of their respective owners.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com