Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1009 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXCT1009
Description  HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009 Datasheet(HTML) 9 Page - Diodes Incorporated

  ZXCT1009 Datasheet HTML 1Page - Diodes Incorporated ZXCT1009 Datasheet HTML 2Page - Diodes Incorporated ZXCT1009 Datasheet HTML 3Page - Diodes Incorporated ZXCT1009 Datasheet HTML 4Page - Diodes Incorporated ZXCT1009 Datasheet HTML 5Page - Diodes Incorporated ZXCT1009 Datasheet HTML 6Page - Diodes Incorporated ZXCT1009 Datasheet HTML 7Page - Diodes Incorporated ZXCT1009 Datasheet HTML 8Page - Diodes Incorporated ZXCT1009 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ZXCT1009
SEMICO NDUC TORS
ISSUE 10 - JULY 2007
9
Europe
Zetex GmbH
Kustermann-Park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
© Zetex Semiconductors plc 2007
PACKAGE DIMENSIONS SOT23
DIM
Millimeters
Inches
MinMax
MinMax
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM
0.95
NOM
0.037
DIM
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
–
–
1.7
–
–
0.067
A1
0.02
–
0.1
0.0008
–
0.004
b
–
0.7
–
–
0.028
–
c
0.24
–
0.32
0.009
–
0.013
D
6.3
–
6.7
0.248
–
0.264
E
3.3
–
3.7
0.130
–
0.145
e1
–
4.59
–
–
0.180
–
e2
–
1.53
–
–
0.060
–
He
6.7
–
7.3
0.264
–
0.287
Lp
0.9
–
–
0.035
–
–
α
––
15°
––
15°
β
–
10°
–
–
10°
–
PACKAGE DIMENSIONS SM8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com