Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1023 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1023
Description  MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1023 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1023 Datasheet HTML 1Page - Diodes Incorporated ZXCT1023 Datasheet HTML 2Page - Diodes Incorporated ZXCT1023 Datasheet HTML 3Page - Diodes Incorporated ZXCT1023 Datasheet HTML 4Page - Diodes Incorporated ZXCT1023 Datasheet HTML 5Page - Diodes Incorporated ZXCT1023 Datasheet HTML 6Page - Diodes Incorporated ZXCT1023 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXCT1023
MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1023
Rev. 2
2 of 7
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute maximum ratings
Voltage on S+
1 ................................................. -0.5V to 20V
Voltage on S-
1,2, OUT1............................ -0.5V to V
S++0.5V
VSENSE
3...........................................................-0.5V to +2.5V
Junction temperature ........................................ -40 to125ºC
Storage temperature ........................................ -55 to 150ºC
Package power dissipation (TA = 25ºC)
TDFN1812-4 ................................................................. mW
These are stress ratings only. Operation outside the absolute
maximum ratings may cause device failure. Operation at the
absolute maximum rating for extended periods may reduce
device reliability
Notes:
1.
Measured with respect to GND pin
2. Subject to absolute maximum VSENSE not being
exceeded.
3. VSENSE is defined as the voltage difference across
the sense resistor, RS.
4. The usable VSENSE range is limited by the output
voltage range; and as such will be reduced at lower
VS+ values.
Semiconductor devices are ESD sensitive and may be
damaged by exposure to ESD events. Suitable ESD
precautions should be taken when handling and
transporting these devices.
ESD ratings:
Human body model ....................................... 2000V
Machine Model .................................................. TBD
Recommended operating conditions
Parameter
MIN
MAX
Units
VS+
1,
Common-mode sense
input range
2.5
20
V
VSENSE, Differential Sense Input
voltage range
0
380
4
mV
VOUT,
Output Voltage range
0
VS- - 1
V
TA,
Ambient temperature
range
-40
85
°C
Electrical characteristics
TA = 25°C, VS+ = 3.6V, VSENSE = 50mV, unless otherwise stated
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VOUT
Output voltage
VSENSE = 0mV
0.3
50
mV
VSENSE = 10mV
425
500
575
VSENSE = 30mV
1.41
1.5
1.59
V
VSENSE = 50mV
2.425
2.5
2.575
VSENSE = 100mV, VS+ = 20V
4.85
5
5.15
TC
5
Output voltage temperature
coefficient
50
300
ppm
IQ
Ground pin current
VSENSE = 0V
3.5
8
μA
IS-
SENSE- input current
VSENSE = 0V
100
nA
Acc
Accuracy
VSENSE = 50mV
-3
3
%
Gain
VOUT/VSENSE
VSENSE = 50mV
50
V/V
ROUT
Output resistance
15
k
Ω
BW
Bandwidth
VSENSE (DC) = 10mV
300
kHz
VSENSE (DC) = 50mV
1
MHz
PSRR
6
Power supply rejection ratio VSENSE = 30mV, VS+ = 2.5 to 20V
50
60
dB
Notes
5.
TC limits are determined by characterization.
6.
PSRR is defined as change in output voltage per change in S+ voltage, VS+.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com