Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1050 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXCT1050
Description  Precision wide input range current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1050 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXCT1050 Datasheet HTML 2Page - Diodes Incorporated ZXCT1050 Datasheet HTML 3Page - Diodes Incorporated ZXCT1050 Datasheet HTML 4Page - Diodes Incorporated ZXCT1050 Datasheet HTML 5Page - Diodes Incorporated ZXCT1050 Datasheet HTML 6Page - Diodes Incorporated ZXCT1050 Datasheet HTML 7Page - Diodes Incorporated ZXCT1050 Datasheet HTML 8Page - Diodes Incorporated ZXCT1050 Datasheet HTML 9Page - Diodes Incorporated ZXCT1050 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXCT1050
Issue 1 - June 2007
9
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SOT23-5
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
Min.
Max.
Min.
Max.
A
-
1.00
-
0.0393
A1
0.01
0.10
0.0003
0.0039
A2
0.84
0.90
0.0330
0.0354
b
0.30
0.45
0.0118
0.0177
c
0.12
0.20
0.0047
0.0078
D
2.90 BSC
0.114 BSC
E
2.80 BSC
0.110 BSC
E1
1.60 BSC
0.062 BSC
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.50
0.0118
0.0196
L2
0.25 BSC
0.010 BSC
a°
4°
12°
4°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com