Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1413D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 29Page - NXP Semiconductors ADC1413D Datasheet HTML 30Page - NXP Semiconductors ADC1413D Datasheet HTML 31Page - NXP Semiconductors ADC1413D Datasheet HTML 32Page - NXP Semiconductors ADC1413D Datasheet HTML 33Page - NXP Semiconductors ADC1413D Datasheet HTML 34Page - NXP Semiconductors ADC1413D Datasheet HTML 35Page - NXP Semiconductors ADC1413D Datasheet HTML 36Page - NXP Semiconductors ADC1413D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
33 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
Table 33.
Ser_ScramblerA (address 0809h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
-
-
0
not used
6 to 0
LSB_INIT[6:0]
R/W
0000000
defines the initialization vector for the scrambler polynomial
(lower)
Table 34.
Ser_ScramblerB (address 080Ah)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 0
MSB_INIT[7:0]
R/W
11111111
defines the initialization vector for the scrambler polynomial
(upper)
Table 35.
Ser_PRBS_Ctrl (address 080Bh)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 2
-
-
000000
not used
1 to 0
PRBS_TYPE[1:0]
R/W
defines the type of Pseudo-Random Binary Sequence (PRBS)
generator to be used:
00 (reset)
PRBS-7
01
PRBS-7
10
PRBS-23
11
PRBS-31
Table 36.
Cfg_0_DID (address 0820h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 0
DID[7:0]
R
11101101
defines the device (= link) identification number
Table 37.
Cfg_1_BID (address 0821h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 4
-
-
0000
not used
3 to 0
BID[3:0]
R/W
1010
defines the bank ID – extension to DID
Table 38.
Cfg_3_SCR_L (address 0822h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
SCR
R/W
0
scrambling enabled
6 to 1
-
-
000000
not used
0
L
R/W
0
defines the number of lanes per converter device, minus 1
Table 39.
Cfg_4_F (address 0823h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 3
-
-
00000
not used
2 to 0
F[2:0]
R/W
001
defines the number of octets per frame, minus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com