Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06DP211 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CBTL06DP211
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211 Datasheet(HTML) 5 Page - NXP Semiconductors

  CBTL06DP211 Datasheet HTML 1Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 2Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
5 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
6.2 Pin description
Table 2.
Pin description
Symbol
Ball
Type
Description
GPU_SEL
A1
3.3 V low-voltage CMOS
single-ended input
Selects between two multiplexer/switch paths. When HIGH, path 2
left-side is connected to its corresponding right-side I/O. When
LOW, path 1 left-side is connected to its corresponding right-side
I/O.
DDC_AUX_SEL
C2
3.3 V low-voltage CMOS
single-ended input
Selects between DDC and AUX paths. When HIGH, the
DDC_CLKn and DDC_DATn I/Os are connected to their respective
AUX terminals. When LOW, the AUX+ and AUX
− I/Os are
connected to their respective AUX terminals.
XSD
B7
3.3 V low-voltage CMOS
single-ended input
Shutdown pin. Should be driven HIGH or connected to VDD for
normal operation. When LOW, all paths are switched off
(non-conducting) and supply current consumption is minimized.
TST0
G2
3.3 V low-voltage CMOS
single-ended input
Test pin for NXP use only. Should be tied to ground in normal
operation.
IN1_0+
B4
differential I/O
Four high-speed differential pairs for DisplayPort or PCI Express
signals, path 1, left-side.
IN1_0
−
A4
differential I/O
IN1_1+
B5
differential I/O
IN1_1
−
A5
differential I/O
IN1_2+
B6
differential I/O
IN1_2
−
A6
differential I/O
IN1_3+
A8
differential I/O
IN1_3
−
A9
differential I/O
IN2_0+
B8
differential I/O
Four high-speed differential pairs for DisplayPort or PCI Express
signals, path 2, left-side.
IN2_0
−
B9
differential I/O
IN2_1+
D8
differential I/O
IN2_1
−
D9
differential I/O
IN2_2+
E8
differential I/O
IN2_2
−
E9
differential I/O
IN2_3+
F8
differential I/O
IN2_3
−
F9
differential I/O
OUT_0+
B2
differential I/O
Four high-speed differential pairs for DisplayPort or PCI Express
signals, right-side.
OUT_0
−
B1
differential I/O
OUT_1+
D2
differential I/O
OUT_1
−
D1
differential I/O
OUT_2+
E2
differential I/O
OUT_2
−
E1
differential I/O
OUT_3+
F2
differential I/O
OUT_3
−
F1
differential I/O
AUX1+
H9
differential I/O
High-speed differential pair for AUX signals, path 1, left-side.
AUX1
−
J9
differential I/O
AUX2+
H6
differential I/O
High-speed differential pair for AUX signals, path 2, left-side.
AUX2
−
J6
differential I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com