Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06DP211EE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTL06DP211EE
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211EE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTL06DP211EE Datasheet HTML 4Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 5Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 6Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 9Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 10Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 11Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
8 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
8.
Limiting values
[1]
Human Body Model: ANSI/EOS/ESD-S5.1-1994, standard for ESD sensitivity testing, Human Body Model -
Component level; Electrostatic Discharge Association, Rome, NY, USA.
[2]
Charged-Device Model: ANSI/EOS/ESD-S5.3-1-1999, standard for ESD sensitivity testing,
Charged-Device Model - Component level; Electrostatic Discharge Association, Rome, NY, USA.
9.
Recommended operating conditions
[1]
HPD input is tolerant to 5 V input, provided a 1 k
Ω series resistor between the voltage source and the pin is
placed in series. See Section 11.1 “Special considerations”.
[2]
DDC/AUX inputs are tolerant to 5 V input, provided a 2.2 k
Ω series resistor between the voltage source and
the pin is placed in series. See Section 11.1 “Special considerations”.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+5
V
Tcase
case temperature
−40
+85
°C
VESD
electrostatic discharge
voltage
HBM
[1] -
8000
V
HBM; CMOS inputs
[1] -
2000
V
CDM
[2] -
1000
V
CDM; CMOS inputs
[2]
500
V
Table 8.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
3.3
3.6
V
VI
input voltage
CMOS inputs
−0.3
-
VDD +0.3
V
HPD, DDC/AUX inputs [1][2]
−0.3
-
VDD +0.3
V
other inputs
−0.3
-
+2.6
V
Tamb
ambient temperature
operating in free air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com