Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA2018 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DA2018
Description  12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA2018 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DA2018 Datasheet HTML 1Page - Diodes Incorporated 2DA2018 Datasheet HTML 2Page - Diodes Incorporated 2DA2018 Datasheet HTML 3Page - Diodes Incorporated 2DA2018 Datasheet HTML 4Page - Diodes Incorporated 2DA2018 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2DA2018
Document number: DS31823 Rev. 3 - 2
1 of 5
www.diodes.com
October 2010
© Diodes Incorporated
2DA2018
12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Features
•
Low Collector-Emitter Saturation Voltage, VCE(sat)
•
Ultra-Small Surface Mount Package
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
ESD rating: 400V-MM, 8KV-HBM
Applications
•
DC-DC converter
•
Portable equipments
•
Power management units
Mechanical Data
•
Case: SOT-523
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.002 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DA2018-7
KTF
7
8mm
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
2015
Code
W
X
Y
Z
A
B
C
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
KTF = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
KTF
YM
Top View
Pin Configuration
SOT-523
E
B
C
E
B
C


Similar Part No. - 2DA2018

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA2018 DIODES-2DA2018_15 Datasheet
127Kb / 5P
12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 3
More results

Similar Description - 2DA2018

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DSL12AW DIODES-DSL12AW Datasheet
132Kb / 6P
12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
2DA2018 DIODES-2DA2018_15 Datasheet
127Kb / 5P
12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 3
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
DSL12AW DIODES-DSL12AW_15 Datasheet
132Kb / 6P
12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com