Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH293 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH293
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH293 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH293 Datasheet HTML 1Page - Diodes Incorporated AH293 Datasheet HTML 2Page - Diodes Incorporated AH293 Datasheet HTML 3Page - Diodes Incorporated AH293 Datasheet HTML 4Page - Diodes Incorporated AH293 Datasheet HTML 5Page - Diodes Incorporated AH293 Datasheet HTML 6Page - Diodes Incorporated AH293 Datasheet HTML 7Page - Diodes Incorporated AH293 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AH293
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH293
Document number: DS31048 Rev. 6 - 2
4 of 8
www.diodes.com
June 2010
© Diodes Incorporated
Magnetic Characteristics (TA = 25 °C, Vdd = 5V, unless otherwise specified, Note 4)
(1mT = 10 Gauss)
Symbol
Characteristics
Min
Typ.
Max
Unit
Bop
Operation Point
-
30
60
Gauss
Brp
Release Point
-60
-30
-
Gauss
Bhy
Hysteresis
-
60
-
Gauss
Notes:
4. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Operating Characteristics
DOB
DO
12
10
8
6
4
2
OFF
OP
RP
ON
12
10
8
6
4
2
OFF
RP
OP
ON
Bop
Brp
0
Bop
Brp
0
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
Vsat
Vsat
Marking
side
S
( SOT89-5L )
N



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com