Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC651202F Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC651202F
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651202F Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC651202F Datasheet HTML 1Page - Sanyo Semicon Device LC651202F Datasheet HTML 2Page - Sanyo Semicon Device LC651202F Datasheet HTML 3Page - Sanyo Semicon Device LC651202F Datasheet HTML 4Page - Sanyo Semicon Device LC651202F Datasheet HTML 5Page - Sanyo Semicon Device LC651202F Datasheet HTML 6Page - Sanyo Semicon Device LC651202F Datasheet HTML 7Page - Sanyo Semicon Device LC651202F Datasheet HTML 8Page - Sanyo Semicon Device LC651202F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Function Overview
Note: Sanyo will announce details on oscillator elements and oscillator circuit constants as recommended application circuits are developed. Customers
should check with Sanyo for the latest information as the development process progresses.
No. 5190-2/35
LC651204N/F/L, LC651202N/F/L
Item
LC651204N/1202N
LC651204F/1202F
LC651204L/1202L
ROM
4096
× 8 bits (1204N)
4096
× 8 bits (1204F)
4096
× 8 bits (1204L)
Memory
2048
× 8 bits (1202N)
2048
× 8 bits (1202F)
2048
× 8 bits (1202L)
RAM
256
× 4 bits (1204/1202N)
256
× 4 bits (1204/1202F)
256
× 4 bits (1204/1202L)
Instruction
Instruction set
80
80
80
Table reference
Supported
Supported
Supported
Interrupts
1 external, 1 internal
1 external, 1 internal
1 external, 1 internal
Timers
4-bit prescaler + 8-bit timer
4-bit prescaler + 8-bit timer
4-bit prescaler + 8-bit timer
Built-in functions
Stack levels
8
8
8
Standby function
Supports standby mode entered
Supports standby mode entered
Supports standby mode entered
by the HALT instruction
by the HALT instruction
by the HALT instruction
Number of ports
22 I/O pins
22 I/O pins
22 I/O pins
Serial ports
4-bit or 8-bit I/O
4-bit or 8-bit I/O
4-bit or 8-bit I/O
I/O voltage
15 V max.
15 V max.
15 V max.
I/O ports
Output current
10 mA typ. 20 mA max.
10 mA typ. 20 mA max.
10 mA typ. 20 mA max.
I/O circuit types
Open drain (n-channel) or built-in pull-up resistor output selectable on a per-bit basis.
Output levels at reset
High or low can be selected in port units. (ports C and D only)
Square wave output
Supported
Supported
Supported
Minimum cycle time
2.77 µs (VDD ≥ 3 V)
0.92 µs (VDD ≥ 3 V)
3.84 µs (VDD ≥ 2.5 V)
Characteristics
Power-supply voltage
3 to 5.5 V
3 to 5.5 V
2.5 to 5.5 V
Power-supply current
1.5 mA typ.
2 mA typ.
1.5 mA typ.
Oscillator
Oscillator
Ceramic (800 kHz, 1 MHz, 4 MHz)
Ceramic (4 MHz)
Ceramic (800 kHz, 1 MHz, 4 MHz)
Divider circuit option
1/1, 1/3, 1/4
1/1
1/1, 1/3, 1/4
Other functions
Package
DIP30S-D MFP30S
DIP30S-D MFP30S
DIP30S-D MFP30S
SANYO: DIP30SD
[LC651204N/F/L, 651202N/F/L]
Note: The package drawings shown above are provided without error tolerances and are for reference purposes only. Contact Sanyo for official package
drawings.
SANYO: MFP30S
[LC651204N/F/L, 651202N/F/L]
Package Dimensions
unit : mm
3196-DIP30SD
unit : mm
3073A-MFP30S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com