Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM119HJA-R30MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDM119HJA-R30MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM119HJA-R30MF Datasheet(HTML) 3 Page - Superworld Electronics

  SDM119HJA-R30MF Datasheet HTML 1Page - Superworld Electronics SDM119HJA-R30MF Datasheet HTML 2Page - Superworld Electronics SDM119HJA-R30MF Datasheet HTML 3Page - Superworld Electronics SDM119HJA-R30MF Datasheet HTML 4Page - Superworld Electronics SDM119HJA-R30MF Datasheet HTML 5Page - Superworld Electronics SDM119HJA-R30MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
15.03.2010
7. CHARACTERISTICS CURVES :
0.3
0.05
0.1
0.001
SDM119HJA-R45MF
SDM119HJA-R30MF
0.47
0.27
0.30
0.31
0.30
0.50
0.50
0.50
Inductance
(uH)
9.0
10
7.0
8.0
6.0
4.0
3.0
1.0
0.5
0.8
2.0
5.0
0.46
0.26
0.46
0.27
0.30
0.30 0.30
0.50
0.50
0.49
0.27
0.29
0.49 0.46
0.26
0.26 0.26
0.45
0.45
0.45
0.25
0.25
0.44
0.44
Frequency ( MHz )
DIP POWER CHOKE COIL
SDM119HJA SERIES
0.65
1.20
SDM119HJA-R68MF
SDM119HJA-1R0MF
0.67
0.68 0.67
0.68
0.68
0.68
1.22
1.22
1.23
1.21
1.21 1.21
0.62
1.14
0.63
0.63
0.64
0.64
0.67
0.63
1.15
1.16
1.17
1.19
1.14
1.15
0.62
0.62
1.13
1.13
Frequency ( MHz )
65.2 49.4
47.6
48.8
68.1 76.1
SDM119HJA-R47MF
1.27
2.66
1.79
SDM119HJA-1R0MF
SDM119HJA-R68MF
61.8 45.5
42.3
64.7
81.0 76.8
77.4
53.5
71.4
66.2 50.5
47.3
0.001
0.58
(uH)
SDM119HJA-R30MF
Inductance
0.8
0.5
1.0
0.05
0.1
0.3
54.2
26.4
39.9
51.5 47.2
43.9
6.59
6.07
9.13 8.04
24.1
17.1 12.9
10.7
7.22
6.61
7.59
8.41 7.39
21.9
15.5 11.9
9.82
11.2
24.9
17.7 13.5
9.58 8.44
5.99
5.49
6.92
6.38
8.0
6.50
6.0
7.0
3.0
2.0
4.0
5.0
9.64
22.6
16.1 11.7
8.24 7.25
9.0
10
5.92
5.46
DMPI119HJA-Series-Z01
FREQUENCY(MHz)
SDM119HJA Series
DMPI119HJA-Series-Z01
FREQUENCY(M Hz)
SDM119HJA Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com