Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM119HJA-R47MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDM119HJA-R47MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM119HJA-R47MF Datasheet(HTML) 1 Page - Superworld Electronics

  SDM119HJA-R47MF Datasheet HTML 1Page - Superworld Electronics SDM119HJA-R47MF Datasheet HTML 2Page - Superworld Electronics SDM119HJA-R47MF Datasheet HTML 3Page - Superworld Electronics SDM119HJA-R47MF Datasheet HTML 4Page - Superworld Electronics SDM119HJA-R47MF Datasheet HTML 5Page - Superworld Electronics SDM119HJA-R47MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S D M 1 1 9 H J A - 1 R 2 M F
(a)
(b)
(d)
(c)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R2 = 1.20uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : e Iron Core
(c) Solder : Sn99.95%-Cu0.05%
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : RoHS Compliant
SDM119HJA SERIES
DIP POWER CHOKE COIL
PG. 1
15.03.2010
PCB Pattern
11.5 Max.
10.0 Max.
3.4±0.5
BC
D
11.5 Max.
(b) Wire : Enamelled Copper Wire
Unit:m/m
E
6.6±0.5
A
ØW
F
ØW
1.5±0.1
10.0 Max.
11.5 Max. 11.5 Max.
3.4±0.5
6.6±0.5
1.5±0.1
9.3±0.5
9.3±0.5
L
Series
SDM119HJA-R30MF
SDM119HJA-R47MF
(e)
12.0
F
11.5 Max.
11.5 Max.
SDM119HJA-R68MF
SDM119HJA-1R2MF
9.3±0.5
1.5±0.1
6.6±0.5
11.5 Max.
3.4±0.5
10.0 Max.
10.0 Max.
11.5 Max.
3.4±0.5
1.3±0.1
6.6±0.5
9.3±0.5
H
6.6±0.5
6.6±0.5
6.6±0.5
6.6±0.5
F
0.5±0.2
0.5±0.2
0.5±0.2
0.5±0.2
G
1.8 Typ.
1.8 Typ.
1.6 Typ.
1.8 Typ.
H
R32e
YY.WW
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - SDM119HJA-R47MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM119N-1R1MF SUPERWORLD-SDM119N-1R1MF Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM119N-1R2MF SUPERWORLD-SDM119N-1R2MF Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM119N-2R0MF SUPERWORLD-SDM119N-2R0MF Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM119N-2R5MF SUPERWORLD-SDM119N-2R5MF Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
More results

Similar Description - SDM119HJA-R47MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
logo
Superworld Electronics
SDM088HBA SUPERWORLD-SDM088HBA Datasheet
237Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA SUPERWORLD-SDM109HHA Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA SUPERWORLD-SDM129HLA Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SHM088HBA SUPERWORLD-SHM088HBA Datasheet
227Kb / 5P
DIP POWER CHOKE COIL
SHM109HHA SUPERWORLD-SHM109HHA Datasheet
233Kb / 6P
DIP POWER CHOKE COIL
SHM119HJA SUPERWORLD-SHM119HJA Datasheet
308Kb / 8P
DIP POWER CHOKE COIL
SHM129HLA SUPERWORLD-SHM129HLA Datasheet
299Kb / 8P
DIP POWER CHOKE COIL
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com