Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM129HLA-R50MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDM129HLA-R50MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM129HLA-R50MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDM129HLA-R50MF Datasheet HTML 1Page - Superworld Electronics SDM129HLA-R50MF Datasheet HTML 2Page - Superworld Electronics SDM129HLA-R50MF Datasheet HTML 3Page - Superworld Electronics SDM129HLA-R50MF Datasheet HTML 4Page - Superworld Electronics SDM129HLA-R50MF Datasheet HTML 5Page - Superworld Electronics SDM129HLA-R50MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.03.2010
±20% @ 0Adc
Inductance L ( uH )
0.50
0.32
6. ELECTRICAL CHARACTERISTICS :
SDM129HLA-R32MF
SDM129HLA-R50MF
Part No.
40
32
0
Irms
Max.
( A )
0.30
55
50
0.50
DCR
Isat
Max.
( A )
( mΩ )
±8%
7. CHARACTERISTICS CURVES :
f) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
e) Isat (A) : Will cause L to drop approximately 20%
d) Irms (A) : Will cause an approximately temp. rise ∆T < 40°C
a) Test Frequency : 100KHz/1.0V
b) Operating temp. : -25°C to +125°C
c) Ambient temp. : 20°C
5. GENERAL SPECIFICATION :
0
30
30
Min.
Q
DIP POWER CHOKE COIL
SDM129HLA SERIES
0.68
1.00
SDM129HLA-1R0MF
SDM129HLA-R68MF
40
0.85
35
25
30
40
0.55
40
0
10
2030
4050
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
DM PI129HLA-R50M
SDM129HLA-R50MF
0
1020
3040
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
70
80
DMPI129HLA -R68M
SDM129HLA-R68MF
0
7
14
21
28
35
DC CURRENT(A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
DMPI129HLA-1R0M
SDM129HLA-1R0MF
0
1122
3344
55
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
DMPI129HLA-R32M
SDM129HLA-R32MF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com