Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button LP2950 Datasheet HTML 5Page - Micrel Semiconductor LP2950 Datasheet HTML 6Page - Micrel Semiconductor LP2950 Datasheet HTML 7Page - Micrel Semiconductor LP2950 Datasheet HTML 8Page - Micrel Semiconductor LP2950 Datasheet HTML 9Page - Micrel Semiconductor LP2950 Datasheet HTML 10Page - Micrel Semiconductor LP2950 Datasheet HTML 11Page - Micrel Semiconductor LP2950 Datasheet HTML 12Page - Micrel Semiconductor LP2950 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
LP2950/2951
September 2008
9
M9999-091208
Application Information
External Capacitors
A 1.0µF (or greater) capacitor is required between the
LP2950/LP2951
output
and
ground
to
prevent
oscillations due to instability. Most types of tantalum or
aluminum electrolytics will be adequate; film types will
work, but are costly and therefore not recommended.
Many aluminum electrolytics have electrolytes that
freeze at about –30°C, so solid tantalum capacitors are
recommended for operation below –25°C. The important
parameters of the capacitor are an effective series
resistance of about 5 or less and a resonant frequency
above 500kHz. The value of this capacitor may be
increased without limit.
At lower values of output current, less output
capacitance is required for output stability. The capacitor
can be reduced to 0.33µF for current below 10mA or
0.1µF for currents below 1mA. Using the 8-pin versions
at voltages below 5V runs the error amplifier at lower
gains so that more output capacitance is needed. For
the worst-case situation of a 100mA load at 1.23V output
(Output shorted to Feedback) a 3.3µF (or greater)
capacitor should be used.
The LP2950 will remain stable and in regulation with no
load in addition to the internal voltage divider, unlike
many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications. When
setting the output voltage of the LP2951 version with
external resistors, a minimum load of 1µA is recomm-
ended.
A 0.1µF capacitor should be placed from the
LP2950/LP2951 input to ground if there is more than 10
inches of wire between the input and the AC filter
capacitor or if a battery is used as the input.
Stray capacitance to the LP2951 Feedback terminal (pin
7) can cause instability. This may especially be a
problem when using high value external resistors to set
the output voltage. Adding a 100pF capacitor between
Output and Feedback and increasing the output
capacitor to at least 3.3µF will remedy this.
Error Detection Comparator Output
A logic low output will be produced by the comparator
whenever the LP2951 output falls out of regulation by
more than approximately 5%. This figure is the
comparator’s built-in offset of about 60mV divided by the
1.235V reference voltage. (Refer to the block diagram on
Page 1). This trip level remains “5% below normal”
regardless of the programmed output voltage of the
LP2951. For example, the error flag trip level is typically
4.75V for a 5V output or 11.4V for a 12V output. The out
of regulation condition may be due either to low input
voltage, current limiting, or thermal limiting.
Figure 1 is a timing diagram depicting the /ERROR
signal and the regulated output voltage as the LP2951
input is ramped up and down. The /ERROR signal
becomes valid (low) at about 1.3V input. It goes high at
about 5V input (the input voltage at which VOUT = 4.75V).
Since the LP2951’s dropout voltage is load-dependent
(see curve in Typical Performance Characteristics), the
input voltage trip point (about 5V) will vary with the load
current. The output voltage trip point (approximately
4.75V) does not vary with load.
The error comparator has an open-collector output which
requires an external pull-up resistor. Depending on
system requirements, this resistor may be returned to
the 5V output or some other supply voltage. In
determining a value for this resistor, note that while the
output is rated to sink 400µA, this sink current adds to
battery drain in a low battery condition. Suggested
values range from 100k to 1MΩ. The resistor is not
required if this output is unused.
Programming the Output Voltage (LP2951)
The LP2951 may be pin-strapped for 5V using its
internal voltage divider by tying Pin 1 (output) to Pin 2
(SENSE) and Pin 7 (FEEDBACK) to Pin 6 (5V TAP).
Alternatively, it may be programmed for any output
voltage between its 1.235V reference and its 30V
maximum rating. An external pair of resistors is required,
as shown in Figure 2.
The complete equation for the output voltage is:
2
FB
2
1
REF
OUT
R
I
R
R
1
V
V
+
⎭
⎬
⎫
⎩
⎨
⎧
+
×
=
where VREF is the nominal 1.235 reference voltage and
IFB is the feedback pin bias current, nominally 20nA. The
minimum recommended load current of 1µA forces an
upper limit of 1.2MΩ on the value of R2, if the regulator
must work with no load (a condition often found in
CMOS in standby), IFB will produce a 2% typical error in
VOUT which may be eliminated at room temperature by
trimming R1. For better accuracy, choosing R2 = 100kΩ
reduces this error to 0.17% while increasing the resistor
program current to 12µA. Since the LP2951 typically
draws 60µA at no load with Pin 2 open-circuited, this is a
small price to pay.
Reducing Output Noise
In reference applications it may be advantageous to
reduce the AC noise present at the output. One method
is to reduce the regulator bandwidth by increasing the
size of the output capacitor. This is the only method by
which noise can be reduced on the 3-pin LP2950 and is
relatively inefficient, as increasing the capacitor from 1µF
to 220µF only decreases the noise from 430µV to
160µVrms for a 100kHz bandwidth at 5V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com