Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC44F18 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC44F18
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F18 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC44F18 Datasheet HTML 9Page - Micrel Semiconductor MIC44F18 Datasheet HTML 10Page - Micrel Semiconductor MIC44F18 Datasheet HTML 11Page - Micrel Semiconductor MIC44F18 Datasheet HTML 12Page - Micrel Semiconductor MIC44F18 Datasheet HTML 13Page - Micrel Semiconductor MIC44F18 Datasheet HTML 14Page - Micrel Semiconductor MIC44F18 Datasheet HTML 15Page - Micrel Semiconductor MIC44F18 Datasheet HTML 16Page - Micrel Semiconductor MIC44F18 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
15
M9999-020111
The following circuit guidelines should be adhered to for
optimum circuit performance:
1. The VCC bypass capacitor must be placed close to the
VDD and ground pins. It is critical that the etch length
between the decoupling capacitor and the VDD &
GND pins be minimized to reduce pin inductance.
2. A ground plane is recommended to minimize parasitic
inductance and impedance of the return paths. The
MIC44F18 family of drivers is capable of high peak
currents and very fast transition times.
Any
impedance between the driver, the decoupling
capacitors and the external MOSFET will degrade the
performance of the circuit.
3. Trace out the high di/dt and dv/dt paths, as shown in
Figures 7 and 8 and minimize etch length and loop
area
for
these
connections.
Minimizing
these
parameters decreases the parasitic inductance and
the radiated EMI generated by fast rise and fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com