Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC44F19 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC44F19
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F19 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC44F19 Datasheet HTML 5Page - Micrel Semiconductor MIC44F19 Datasheet HTML 6Page - Micrel Semiconductor MIC44F19 Datasheet HTML 7Page - Micrel Semiconductor MIC44F19 Datasheet HTML 8Page - Micrel Semiconductor MIC44F19 Datasheet HTML 9Page - Micrel Semiconductor MIC44F19 Datasheet HTML 10Page - Micrel Semiconductor MIC44F19 Datasheet HTML 11Page - Micrel Semiconductor MIC44F19 Datasheet HTML 12Page - Micrel Semiconductor MIC44F19 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
9
M9999-020111
Functional Description
The MIC44F18/19/20 family of drivers are high speed,
high current drivers that are designed to drive P-channel
and N-channel MOSFETs. The drivers come in both
inverting and non-inverting versions. The block diagram
of the MIC44Fxx driver is shown in Figure 1.
The MIC44F18 is a non-inverting driver.
When
disabled, the VOUT pin is pulled low. The MIC44F19 is
an inverting driver that is optimized to drive P-channel
MOSFETs.
When disabled, the VOUT pin is pulled
high, which turns off the P-channel MOSFET.
The
MIC44F20 is an inverting driver, whose VOUT pin is
pulled low when disabled. This allows it to drive an
N-channel MOSFETs and turn it off when the driver is
disabled. The logic table below summarizes the driver
operation.
EN/UVL
O
IN
MIC44F18
OUTPUT
MIC44F19
OUTPUT
MIC44F20
OUTPUT
0
0
LOW
HI
LOW
0
1
LOW
HI
LOW
1
0
LOW
HI
HI
1
1
HI
LOW
LOW
Startup and UVLO
The UVLO circuit disables the output until the VDD
supply voltage exceeds the UVLO threshold. Hysteresis
in the UVLO circuit prevents noise and finite circuit
impedance from causing chatter during turn-on and turn-
off.
As shown in figure 2, with the EN/UVLO pin open, an
internal resistor divider senses the VDD voltage and the
UVLO threshold is set at the minimum operating voltage
of the driver. The driver can be set to turn on at a higher
voltage by adding an external resistor to the UVLO pin.
With an external divider, the VDD turn on (rising VDD)
threshold is calculated as:
Voltage
Hysteresis
Enable
V
pin
VDD
the
at
Voltage
Hysteresis
VDD
Voltage
Threshold
Enable
V
:
where
R2
R1
1
V
V
R2
R1
1
V
V
Hyst
Hysteresis
TH
Hyst
hysteresis
DD
TH
enable
DD
=
=
=
⎥⎦
⎤
⎢⎣
⎡ +
×
=
⎥⎦
⎤
⎢⎣
⎡ +
×
=
Because the external resistors are parallel with the
internal resistors, it is important to keep the value of the
external resistors at least 10 times lower than the typical
values of the internal resistors.
This prevents the
internal resistors from affecting the accuracy of the
enable calculation as well as preventing the large
tolerance of the internal resistors from affecting the
tolerance of the enable voltage setting.
Figure 2. UVLO Circuit
Input Stage
The MIC44Fxx family of drivers have a high impedance,
TTL compatible input stage. The tight tolerance of the
input threshold makes it compatible with CMOS devices
powered from any supply voltage between 3V and VDD.
Hysteresis on the input pin improves noise immunity and
prevents input signals with slow rise times from falsely
triggering the output. The amplitude of the input voltage
has no effect on the supply current draw of the driver.
The input voltage signal may go up to -5V below ground
without damaging the driver or causing a latch up
condition. Negative input voltages 0.7V below ground or
greater will cause an increase in propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com