Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS19
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS19 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS19_08 Datasheet HTML 1Page - Diodes Incorporated BAS19_08 Datasheet HTML 2Page - Diodes Incorporated BAS19_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS19 / BAS20 / BAS21
SURFACE MOUNT FAST SWITCHING DIODE
Features
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
High Conductance
•
Lead, Halogen and Antimony Free, RoHS Compliant
“Green” Device (Notes 3 and 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagram
•
BAS19 Marking: KA8, KT3; KT2 - See Page 2
•
BAS20 Marking: KT2, KT3 - See Page 2
•
BAS21 Marking: KT3 - See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
SOT-23
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
BAS19
BAS20
BAS21
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current (Note 1)
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
BAS19
BAS20
BAS21
V(BR)R
120
200
250
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current @ Rated DC Blocking Voltage (Note 2)
IR
⎯
100
15
nA
μA
TJ = 25°C
TJ = 100°C
Total Capacitance
CT
⎯
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAS19 / BAS20 / BAS21
Document number: DS12004 Rev. 20 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAS19_08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS19 WTE-BAS19_06 Datasheet
42Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
Surface Mount Fast Switching Diode
More results

Similar Description - BAS19_08

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com