Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC707 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC707
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC707 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC707 Datasheet HTML 1Page - Micrel Semiconductor MIC707 Datasheet HTML 2Page - Micrel Semiconductor MIC707 Datasheet HTML 3Page - Micrel Semiconductor MIC707 Datasheet HTML 4Page - Micrel Semiconductor MIC707 Datasheet HTML 5Page - Micrel Semiconductor MIC707 Datasheet HTML 6Page - Micrel Semiconductor MIC707 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
January 2006
3
MIC705/06/07/08
MIC705/06/07/08
Micrel, Inc.
Electrical Characteristics(3)
VCC = 4.75V to 5.5V for MIC705/07; VCC = 4.5V to 5.5V for MIC706/08; TA = Operating Temperature Range, bold values indicate
–40°C ≤ TA ≤ +85°C; unless noted
Parameter
Conditions
Min.
Typ.
Max
Units
Operating Voltage Range, VCC
MIC70_
1.4
5.5
V
Supply Current
MIC70_
60
µA
Reset Voltage Threshold
MIC705, MIC707
MIC706, MIC708
4.50
4.25
4.65
4.4
4.75
4.5
V
V
Reset Threshold Hysteresis
40
mV
Reset Pulse Width, tRS
140
200
280
ms
/RESET Output Voltage
ISource = 80µA
ISink = 3.2mA
MIC70_C, ISink = 50µA, VCC = 1.4V
VCC - 1.5V
0.4
0.3
V
V
V
RESET Output Voltage
ISource = 80µA
ISink = 3.2mA
VCC - 1.5V
0.4
V
V
Watchdog Timeout Period, tWD
1.0
1.6
2.25
sec
WDI Minimum Input Pulse, tWP
VIL = 0.4V, VIH = 80% of VCC
50
ns
WDI Threshold Voltage
VIH, VCC = 5V
VIL, VCC = 5V
3.5
0.8
V
V
WDI Input Current
WDI = 0V
WDI = VCC
-150
-50
50
150
µA
µA
WDO Output Voltage
ISource = 800µA
ISink = 1.2mA
VCC - 1.5V
0.4
V
V
/MR Pull-Up Current
/MR = 0V
100
250
600
µA
/MR Pulse Width, tMR
150
ns
/MR Input Threshold
VIL
VIH
2.0
0.8
V
V
/MR to Reset Output Delay, tMD
250
ns
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
+25
nA
/PFO Output Voltage
ISink = 3.2mA
VCC = 5V, ISource = 800µA
VCC - 1.5V
0.4
V
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Specification for packaged product only.
Absolute Maximum Ratings(1)
Terminal Voltage
VCC ..........................................................–0.3V to +6.0V
All other inputs.............................–0.3V to (VOUT + 0.3V)
Input Current
VCC, Gnd ................................................................ 25mA
Output Current (all outputs)........................................ 20mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature................................ –65°C to +150°C
Operating Ratings(2)
Operating Temperature Range
MIC70_N ................................................ –40°C to +85°C
MIC70_M ................................................ –40°C to +85°C
Power Dissipation (PDIP)........................................ 475mW
Power Dissipation (SOP)......................................... 400mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com