Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC651102F Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC651102F
Description  On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651102F Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC651102F Datasheet HTML 1Page - Sanyo Semicon Device LC651102F Datasheet HTML 2Page - Sanyo Semicon Device LC651102F Datasheet HTML 3Page - Sanyo Semicon Device LC651102F Datasheet HTML 4Page - Sanyo Semicon Device LC651102F Datasheet HTML 5Page - Sanyo Semicon Device LC651102F Datasheet HTML 6Page - Sanyo Semicon Device LC651102F Datasheet HTML 7Page - Sanyo Semicon Device LC651102F Datasheet HTML 8Page - Sanyo Semicon Device LC651102F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
No. 5221-2/19
LC65E1104
LC651104/1102 series organization
Pin Assignment
Common to DIC/MFC
Usage Notes
The LC65E1104 was designed for developing and evaluating programs for the LC651104/1102 series microcontrollers.
Keep the following points in mind when using the LC65E1104.
1. Protecting EPROM data from UV exposure
Keep the LC65E1104’s package window covered with an opaque seal when using the device.
2. The LC65E1104 differs from the LC651104N/F/L and LC651102N/F/L as listed in the table below.
Model name
Pins
ROM capacity
RAM capacity
Package
LC651104N/F/L, LC651102N/F/L
30
4 k/2 k
256 W
DIP30S, DIP30S-D, MFP30S
LC65E1104
30
4 k
256 W
DIC30S, MFC30S
LC65P1104
30
4 k
256 W
DIP30S-D, MFP30S
Note: A/D converter operating supply voltage range: 4.7 to 5.3 V
Item
LC65E1104
LC651104F/1102F
LC651104N/1102N
LC651104L/1102L
I/O circuit configuration
Open drain (N channel)
Open drain or pull-up resistor-provided output selectable bit by bit (user mask option)
Port C and D output
High or low selected in 4-bit
High or low selected in 4-bit units
levels at reset
units (by EPROM data)
(user mask option)
Resonator
RC/ceramic
RC/ceramic
Oscillator
(by EPROM data)
(user mask option)
Predivider option
1/1, 1/3, 1/4
1/1 only
1/1, 1/3, 1/4
(by EPROM data)
(user mask option)
(user mask option)
Watchdog reset
Available/not available
Available/not available
(by EPROM data)
(user mask option)
Operating supply
3.0 to 6.0 V*
4.0 t 6.0 V
3.0 to 6.0 V
2.5 to 6.0 V
voltage range (VDD)
Normal mode current drain
Mask version + about 3 mA (typical)
2 mA (typical)
1.5 mA (typical)
1.5 mA (typical)
Low-level input current
–50 µA (typical)
–10 µA (typical)
(RES terminal)
Operating temperature range
+10 to +40°C
–40 to +85°C
Package
DIC30S (with window)
DIP30S, DIP30S-D
MFC30S (with window)
MFP30S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com