Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C35M Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R8C35M
Description  household appliances, office equipment, audio equipment, consumer equipment
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C35M Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R8C35M Datasheet HTML 17Page - Renesas Technology Corp R8C35M Datasheet HTML 18Page - Renesas Technology Corp R8C35M Datasheet HTML 19Page - Renesas Technology Corp R8C35M Datasheet HTML 20Page - Renesas Technology Corp R8C35M Datasheet HTML 21Page - Renesas Technology Corp R8C35M Datasheet HTML 22Page - Renesas Technology Corp R8C35M Datasheet HTML 23Page - Renesas Technology Corp R8C35M Datasheet HTML 24Page - Renesas Technology Corp R8C35M Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
R8C/35M Group
4. Special Function Registers (SFRs)
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0021EJ0020 Rev.0.20
Page 21 of 54
Feb 15, 2011
Table 4.7
SFR Information (7) (1)
X: Undefined
Notes:
1.
The blank areas are reserved and cannot be accessed by users.
2.
Selectable by the IICSEL bit in the SSUIICSR register.
Address
Register
Symbol
After Reset
0180h
Timer RA Pin Select Register
TRASR
00h
0181h
Timer RB/RC Pin Select Register
TRBRCSR
00h
0182h
Timer RC Pin Select Register 0
TRCPSR0
00h
0183h
Timer RC Pin Select Register 1
TRCPSR1
00h
0184h
Timer RD Pin Select Register 0
TRDPSR0
00h
0185h
Timer RD Pin Select Register 1
TRDPSR1
00h
0186h
Timer Pin Select Register
TIMSR
00h
0187h
0188h
UART0 Pin Select Register
U0SR
00h
0189h
UART1 Pin Select Register
U1SR
00h
018Ah
UART2 Pin Select Register 0
U2SR0
00h
018Bh
UART2 Pin Select Register 1
U2SR1
00h
018Ch
SSU/IIC Pin Select Register
SSUIICSR
00h
018Dh
018Eh
INT Interrupt Input Pin Select Register
INTSR
00h
018Fh
I/O Function Pin Select Register
PINSR
00h
0190h
0191h
0192h
0193h
SS Bit Counter Register
SSBR
11111000b
0194h
SS Transmit Data Register L / IIC bus Transmit Data Register (2)
SSTDR / ICDRT
FFh
0195h
SS Transmit Data Register H (2)
SSTDRH
FFh
0196h
SS Receive Data Register L / IIC bus Receive Data Register (2)
SSRDR / ICDRR
FFh
0197h
SS Receive Data Register H (2)
SSRDRH
FFh
0198h
SS Control Register H / IIC bus Control Register 1 (2)
SSCRH / ICCR1
00h
0199h
SS Control Register L / IIC bus Control Register 2 (2)
SSCRL / ICCR2
01111101b
019Ah
SS Mode Register / IIC bus Mode Register (2)
SSMR / ICMR
00010000b / 00011000b
019Bh
SS Enable Register / IIC bus Interrupt Enable Register (2)
SSER / ICIER
00h
019Ch
SS Status Register / IIC bus Status Register (2)
SSSR / ICSR
00h / 0000X000b
019Dh
SS Mode Register 2 / Slave Address Register (2)
SSMR2 / SAR
00h
019Eh
019Fh
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
Flash Memory Status Register
FST
10000X00b
01B3h
01B4h
Flash Memory Control Register 0
FMR0
00h
01B5h
Flash Memory Control Register 1
FMR1
00h
01B6h
Flash Memory Control Register 2
FMR2
00h
01B7h
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com