Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2010 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2010
Description  USB Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2010 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2010 Datasheet HTML 1Page - Micrel Semiconductor MIC2010 Datasheet HTML 2Page - Micrel Semiconductor MIC2010 Datasheet HTML 3Page - Micrel Semiconductor MIC2010 Datasheet HTML 4Page - Micrel Semiconductor MIC2010 Datasheet HTML 5Page - Micrel Semiconductor MIC2010 Datasheet HTML 6Page - Micrel Semiconductor MIC2010 Datasheet HTML 7Page - Micrel Semiconductor MIC2010 Datasheet HTML 8Page - Micrel Semiconductor MIC2010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
January 2005
3
M9999-101104
MIC2010/2070
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
1
FAULT1
Fault Status (Output): Channel 1, active-low; weak pull-up to AUX. FAULT1
is asserted LOW when channel 1 is in a thermal shutdown state or overcur-
rent condition for more than 5ms. MIC2070 latches this output in its asserted
state upon overcurrent condition. Toggling EN1 or removing the load will
reset the circuit breaker latch, and deassert FAULT1.
2
EN1
Enable (Input): Channel 1, active-high (–1) or active-low (–2). Toggling this
input also resets the latched output of the MIC2070.
3
S3#
Control (Input): When this input is high, the MAIN inputs are connected to
OUT1 and OUT2 via 100mΩ, 500mA MOSFET switches. When this input is
LOW, the AUX inputs are connected to OUT1 and OUT2 via 500mΩ
MOSFET switches with a current-limit threshold specified by external
resistors, RSET1 and RSET2.
4
RSET1
Current-Limt Set Resistor (Input): Channel 1. A resistor connected to this
input sets the current-limit threshold in AUX mode (S3# asserted). The
current-limit threshold is determined by approximately 18/RSET1.
5
AUX
Auxiliary 5V Supply (Input): Also used as power supply for internal circuitry.
6NC
No Connection: This pin may be connected to other pins without restriction.
7
RSET2
Current-Limit Set Resistor (Input): Channel 2. A resistor connected to this
input sets the current-limit threshold in AUX mode (S3# asserted). The
current-limit threshold is determined by approximately 18/RSET2.
8
GND
Ground
9, 10
OUT2
Channel 2 (Output): Both pins must be connected together externally.
11, 12
MAIN
5V Main Supply (Input): All MAIN inputs must be connected together
externally.
13, 14
OUT1
Channel 1 (Output): Both pins must be connected together externally.
15
EN2
Enable (Input): Channel 2, active-high (–1) or active-low (–2). Toggling this
input also resets the latched output for the MIC2070.
16
FAULT2
Fault Status (Output): Channel 2, active-low; weak pull-up to AUX. FAULT2
is asserted LOW when channel 2 is in a thermal shutdown state or overcur-
rent condition for more than 5ms. MIC2070 latches this output in it's asserted
state upon overcurrent condition. Toggling EN2 or removing load will reset
the circuit breaker latch, and deassert FAULT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com