Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2012
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2012_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 9Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 10Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 11Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 12Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 13Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 14Page - Micrel Semiconductor MIC2012_05 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
January 2005
11
MIC2012/2072
MIC2012
Micrel
AUX Turn-On Response
TIME (100s/div)
V
AUX =5V
V
MAIN = S3# = 0V
EN toggles from [OFF] to [ON]
R
LOAD = 50
C
LOAD = 1F
AUX Turn-Off Response
TIME (100s/div)
V
AUX =5V
V
MAIN = S3# = 0V
EN toggles from [ON] to [OFF]
R
LOAD = 50
C
LOAD = 1F
Turn-On from S3# to AUX
TIME (100s/div)
V
AUX =5V, VMAIN = 0V
EN = [ON]
S3# toggles from [HI] to [LOW]
R
LOAD = 50
C
LOAD = 1F
Turn-Off from AUX to S3#
TIME (1ms/div)
V
AUX =5V, VMAIN = 0V
S3# toggles from [LO] to [HI]
EN = [ON]
R
LOAD = 50
C
LOAD = 1F
Main Inrush Current into C
LOAD
TIME (500s/div)
C
L = 560F
C
L = 100F
C
L = 10F
V
MAIN = VAUX = 5V
S3# = 5V
EN toggles from [OFF] to [ON]
R
LOAD = OPEN
C
LOAD = 10F, 100F, 560F
Main-Ramped to Short by MOSFET
1.4A
TIME (50ms/div)
V
MAIN = VAUX =5V
S3# = 5V, EN = [ON]
C
LOAD = 1F
R
LOAD toggles from > 1k to <0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com