Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012BM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2012BM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012BM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2012BM Datasheet HTML 1Page - Micrel Semiconductor MIC2012BM Datasheet HTML 2Page - Micrel Semiconductor MIC2012BM Datasheet HTML 3Page - Micrel Semiconductor MIC2012BM Datasheet HTML 4Page - Micrel Semiconductor MIC2012BM Datasheet HTML 5Page - Micrel Semiconductor MIC2012BM Datasheet HTML 6Page - Micrel Semiconductor MIC2012BM Datasheet HTML 7Page - Micrel Semiconductor MIC2012BM Datasheet HTML 8Page - Micrel Semiconductor MIC2012BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
2
January 2005
Pin Configuration
1
FAULT1
S3#
AUX
GND
8
FAULT2
OUT1
MAIN
OUT2
7
6
5
2
3
4
8-Pin SOIC (M)
1
FAULT1
EN1
S3#
NC
AUX
NC
NC
GND
16 FAULT2
EN2
OUT1
OUT1
MAIN
MAIN
OUT2
OUT2
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-Pin QSOP (QS)
Ordering Information
Part Number
Circuit Breaker
Temperature
Standard
Pb-Free
Enable
Fault Output
Range
Range
Package
MIC2012BM(1)
MIC2012YM(1)
n/a
Open-Drain
0°C to +70°C
8-lead SOIC
MIC2012CM
MIC2012ZM
n/a
Open-Drain
0°C to +70°C
8-lead SOIC
MIC2012PCM
MIC2012PZM
n/a
Internal Pull-Up
0°C to +70°C
8-lead SOIC
MIC2012-1PCQS
MIC2012-1PZQS
Active High
Internal Pull-Up
0°C to +70°C
16-lead QSOP
MIC2012-2PCQS
MIC2012-2PZQS
Active Low
Internal Pull-Up
0°C to +70°C
16-lead QSOP
MIC2072-1PCQS
MIC2072-2PZQS
Active High
Internal Pull-Up
Δ
0°C to +70°C
16-lead QSOP
MIC2072-2PCQS
MIC2072-2PZQS
Active Low
Internal Pull-Up
Δ
0°C to +70°C
16-lead QSOP
Note:
1.
Contact factory for availablity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com