Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012ZM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2012ZM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012ZM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2012ZM Datasheet HTML 1Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 2Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 3Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 4Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 5Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 6Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 7Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 8Page - Micrel Semiconductor MIC2012ZM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 2005
3
MIC2012/2072
MIC2012
Micrel
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
(MIC2012)
(MIC2012-1, -2)
1
1
FAULT1
Fault Status (Output): Internal pull-up or open-drain. Asserted LOW when
Channel is in a thermal shutdown state or overcurrent condition for more
than 5ms. MIC2072 latches this output in its asserted state upon an over-
current condition. Toggling EN1 or removing the load will reset the circuit
breaker latch and deassert FAULT1.
n/a
2
EN1
Enable (Input): Channel 1, active-high (–1) or active-low (–2). Toggling this
input also resets the latched output of the MIC2072.
2
3
S3#
Control (Input): When this input is HIGH, the MAIN inputs are connected to
OUT1 and OUT2 via 100mΩ MOSFET switches. When this input is LOW
the AUX inputs are connected to OUT1 and OUT2 via 500mΩ MOSFET
switches.
3
5
AUX
Auxiliary 5V Supply (Input): Also used as power supply for internal circuitry.
n/a
4, 6, 7
NC
No Connection: This pin may be connected to other pins without restriction.
4
8
GND
Ground
5
9, 10
OUT2
Channel 2 (Output): For MIC2012-1, -2 both pins must be externally con-
nected together.
6
11, 12
MAIN
5V Main Supply (Input): All MAIN inputs must be connected together exter-
nally.
7
13, 14
OUT1
Channel 1 (Output): For MIC2012-1, -2 both pins must be externally con-
nected together.
n/a
15
EN2
Enable (Input): Channel 2, active-high (–1) or active-low (–2). Toggling this
input also resets the latched output of the MIC2072.
8
16
FAULT2
Fault Status (Output): Internal pull-up or open-drain. Asserted LOW when
Channel 2 is in a thermal shutdown state or overcurrent condition for more
than 5ms. MIC2072 latches this output in its asserted state upon an over-
current condition. Toggling EN2 or removing the load will reset the circuit
breaker latch and deassert FAULT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com