Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2026-2YM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2026-2YM
Description  Dual-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026-2YM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2026-2YM Datasheet HTML 1Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 2Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 3Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 4Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 5Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 6Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 7Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 8Page - Micrel Semiconductor MIC2026-2YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC2026/2076
June 2010
4
M9999-060410-B
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
B
IN
B
= 5V, apply V
B
OUT
B
= 0V until FLG low
1.5
3
7
ms
tD
Overcurrent Flag Response
Delay
V
B
IN
B
= 3.3V, apply V
B
OUT
B
= 0V until FLG low
3
ms
V
B
IN
B
rising
2.2
2.4
2.7
V
Undervoltage Lockout
Threshold
V
B
IN
B
falling
2.0
2.15
2.5
V
I
B
L
B
= 10mA, V
B
IN
B
= 5V
10
25
Error Flag Output Resistance
I
B
L
B
= 10mA, V
B
IN
B
= 3.3V
15
40
Error Flag Off Current
V
B
FLAG
B
= 5V
10
µA
T
B
J
B
increasing, each switch
T
B
J
B
decreasing, each switch
140
120
°C
°C
Overtemperature Threshold
P
(5)
P
T
B
J
B
increasing, both switches
T
B
J
B
decreasing, both switches
160
150
°C
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. If there is a fault on one channel, that channel will shut down when the die reaches approximately 140°C. If the die reaches approximately 160°C,
both channels will shut down, even if neither channel is in current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com