Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2178BWM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2178BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178BWM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2178BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 9Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 10Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 11Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 12Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 13Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 14Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
March 2005
13
M9999-031805
MIC2178
Micrel, Inc.
BIAS
SGND
PWRGD
COMP
PGND
FB
SW
VIN
C2
68µF
20V
VOUT
12V/1A
L1
68µH
C4
6.8nF
C3
0.01µF
MIC2178
PWM
Skip Mode
PWM Mode
SYNC
R2
174k
1%
R1
20k
1%
EN
R1
20k
R2
10k
VIN
12.5V to 16.5V
C1
22µF
35V
U1
20
11
10
18
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2178BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3Ω
C2 AVX
TPSE686M020R0150, ESR = 0.15Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Coiltronics CTX68-4P, DCR = 0.238 Ω
L1
Coilcraft
DO3316P-683, DCR = 0.016Ω
L1
Bi
HM77-11003, DCR = 0.233Ω
R3
10k
Figure 3. MIC2178 12.5V–16.5V to 12V/1A Regulator
BIAS
SGND
PWRGD
COMP
PGND
FB
SW
VIN
C2
220µF
10V
X2
VOUT
3.3V/2.5A
L1
33µH
C4
6.8nF
C3
0.01µF
MIC2178
PWM
Skip Mode
PWM Mode
SYNC
EN
R1
20k
R2
10k
VIN
10V to 16.5V
C1
22µF
35V
X2
U1
20
11
10
18
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2178-3.3BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3Ω
C2 AVX
TPSE227M010R0100, ESR = 0.1Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Bi
HM77-18004, DCR = 0.075Ω
R3
10k
Figure 4. MIC2178 10V–16.5V to 3.3V/2.5A Regulator
BIAS
SGND
PWRGD
COMP
PGND
FB
SW
VIN
C2
100µF
10V
VOUT
3.3V/1A
L1
33µH
C4
6.8nF
C3
0.01µF
MIC2178
PWM
Skip Mode
PWM Mode
SYNC
EN
R1
20k
R2
10k
VIN
4.5V to 10V
C1
22µF
35V
U1
20
11
10
18
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2178-3.3BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3Ω
C2 AVX
TPSD107M010R0100, ESR = 0.1Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Coiltronics CTX33-3P, DCR = 0.077 Ω
L1
Coilcraft
DO3316-333, DCR = 0.088Ω
L1
Bi
HM77-60002, DCR = 0.035Ω
R3
10k
Figure 5. MIC2178 4.5V–10V to 3.3V/1A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com