Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2172YN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2172YN Datasheet HTML 1Page - Micrel Semiconductor MIC2172YN Datasheet HTML 2Page - Micrel Semiconductor MIC2172YN Datasheet HTML 3Page - Micrel Semiconductor MIC2172YN Datasheet HTML 4Page - Micrel Semiconductor MIC2172YN Datasheet HTML 5Page - Micrel Semiconductor MIC2172YN Datasheet HTML 6Page - Micrel Semiconductor MIC2172YN Datasheet HTML 7Page - Micrel Semiconductor MIC2172YN Datasheet HTML 8Page - Micrel Semiconductor MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel
MIC2172/3172
April 2006
3
M9999-041806
(408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
1
S GND
Signal Ground: Internal analog circuit ground. Connect directly to the input filter
capacitor for proper operation (see applications info). Keep separate from power
grounds.
2
COMP
Frequency Compensation: Output of transconductance type error amplifier.
Primary function is for loop stabilization. Can also be used for output voltage
soft-start and current limit tailoring.
3
FB
Feedback: Inverting input of error amplifier. Connect to external resistive divider
to set power supply output voltage.
4 (MIC2172)
SYNC
Synchronization/Frequency Adjust: Capacitively coupled input signal greater
than device’s free running frequency (up to 135kHz) will lock device’s oscillator
on falling edge. Oscillator frequency can be trimmed up to 135kHz by adding a
resistor to ground. If unused, pin must float (no connection).
4 (MIC3172)
EN
Enable: Apply TTL high or connect to VIN to enable the regulator. Apply TTL low
or connect to ground to disable the regulator. Device draws only leakage current
(<1µA) when disabled.
5
VIN
Supply Voltage: 3.0V to 40V
6
P GND 2
Power Ground #2: One of two NPN power switch emitters with 0.3
Ω current
sense resistor in series. Required. Connect to external inductor or input voltage
ground depending on circuit topology.
7
VSW
Power Switch Collector: Collector of NPN switch. Connect to external inductor or
input voltage depending on circuit topology.
8
P GND 1
Power Ground #1: One of two NPN power switch emitters with 0.3
Ω current
sense resistor in series. Optional. For maximum power capability connect to P
GND 2. Floating pin reduces current limit by a factor of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com