Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2198BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2198BML Datasheet HTML 1Page - Micrel Semiconductor MIC2198BML Datasheet HTML 2Page - Micrel Semiconductor MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
October 2005
3
MIC2198
MIC2198
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Analog Supply Voltage (VIN)........................................+34V
Digital Supply Voltage (VDD)..........................................+7V
Driver Supply Voltage (BST) ...................................VIN + 7V
Sense Voltage (VOUT, CSH) ...............................7V to –0.3V
Enable Pin Voltage (VEN/UVLO)....................................... VIN
Power Dissipation (PD)
4×4 MLF™..................................665mW @ TA = 85°C
Ambient Storage Temperature (TS).......... –65°C to +150°C
ESD,
Note 3 ................................................................ 2kV
Operating Ratings (Note 2)
Analog Supply Voltage (VIN)......................... +4.5V to +32V
Output Voltage Range (VOUT) ....................... +0.8V to +6V
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance
4×4 MLF-12L (θJA)...............................................60°C/W
Electrical Characteristics (Note 4)
VIN = VEN = 12V; TJ = 25°C, unless noted, bold values indicate –40°C ≤ TJ ≤ +125°C
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(±1%)
0.792
0.8
0.808
V
Feedback Voltage Reference
(±2%)
0.784
0.816
V
Feedback Voltage Reference
4.5V < VIN < 32V, 0 < (VCSH – VOUT) < 60mV (±3%)
0.776
0.824
V
Feedback Bias Current
10
nA
Output Voltage Range
0.8
6
V
Output Voltage Line Regulation
VIN = 4.5V to 32V, VCSH – VOUT = 60mV
0.03
%/V
Output Voltage Load Regulation
25mV < (VCSH – VOUT) < 60mV
0.5
%
Input and VDD Supply
Quiescent Current
excluding external MOSFET gate drive current
3.5
5
mA
Shutdown Quiescent Current
VEN/UVLO = 0V
0.1
5
µA
Digital Supply Voltage (VDD)
IL = 0mA to 5mA
4.7
5.0
5.3
V
Undervoltage Lockout
VIN upper threshold (turn-on threshold)
4.25
4.4
V
VIN lower threshold (turn-off threshold)
3.95
4.1
V
Enable/UVLO
Enable Input Threshold
(rising)
0.6
1.1
1.6
V
UVLO Threshold
(rising)
2.2
2.5
2.8
V
Enable Input Current
VEN/UVLO = 5V
0.1
5
µA
Current Limit
Current Limit Threshold Voltage
(VCSH – VOUT)
55
75
95
mV
Error Amplifier
Transconductance Error Amplifier GM
0.2
mS
Oscillator Section
Oscillator Frequency
450
500
550
kHz
Maximum Duty Cycle
70
76
%
Minimum On-Time
150
200
ns
Frequency Foldback Threshold
measured at VOUT pin
0.25
0.40
0.55
V
Foldback Frequency
125
kHz
Gate Drivers
Rise/Fall Time
CL = 3000pF
60
ns
Output Driver Impedance
source
5
8.5
Ω
sink
3.5
6
Ω
Driver Non-Overlap Time
80
ns
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD protected; however, handling precautions are recommended. Human body model, 1.5k in series with 100pF.
Note 4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com