Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2199BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor MIC2199BML Datasheet HTML 10Page - Micrel Semiconductor MIC2199BML Datasheet HTML 11Page - Micrel Semiconductor MIC2199BML Datasheet HTML 12Page - Micrel Semiconductor MIC2199BML Datasheet HTML 13Page - Micrel Semiconductor MIC2199BML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC2199.
January 2010
11
M9999-011310
Forthelow-sideswitch(N-ChannelMOSFET),theDCpower
dissipation is:
PR
I
SWITCH2(dc)
DS(on)2
SW 2(rms)2
=×
SincetheACswitchinglossesforthelowsideMOSFETis
near zero, the total power dissipation is:
PP
low-sideMOSFET(max)
SWITCH2(dc)
=
ThetotalpowerdissipationforthehighsideMOSFETis:
PP
P
high sideMOSFET(max)
SWITCH 1(dc)
AC
−
=+
External Schottky Diode
An external freewheeling diode is used to keep the inductor
currentflowcontinuouswhilebothMOSFETsareturnedoff.
This dead time prevents current from flowing unimpeded
through both MOSFETs and is typically 80ns The diode
conducts twice during each switching cycle. Although the
average current through this diode is small, the diode must
be able to handle the peak current.
II
2 80ns f
D(avg)
OUT
S
=× ××
The reverse voltage requirement of the diode is:
VV
DIODE(rrm)
IN
=
ThepowerdissipatedbytheSchottkydiodeis:
PI
V
DIODE
D(avg)
F
=×
where:
VF = forward voltage at the peak diode current
TheexternalSchottkydiode,D2,isnotnecessaryforcircuit
operationsincethelow-sideMOSFETcontainsaparasitic
bodydiode.Theexternaldiodewillimproveefficiencyand
decreasehighfrequencynoise.IftheMOSFETbodydiode
is used, it must be rated to handle the peak and average cur-
rent. The body diode has a relatively slow reverse recovery
time and a relatively high forward voltage drop. The power
lost in the diode is proportional to the forward voltage drop
ofthediode.Asthehigh-sideMOSFETstartstoturnon,the
body diode becomes a short circuit for the reverse recovery
period, dissipating additional power. The diode recovery and
the circuit inductance will cause ringing during the high-side
MOSFETturn-on.
AnexternalSchottkydiodeconductsatalowerforwardvoltage
preventingthebodydiodeintheMOSFETfromturningon.
The lower forward voltage drop dissipates less power than
the body diode. The lack of a reverse recovery mechanism
inaSchottkydiodecauseslessringingandlesspowerloss.
Depending on the circuit components and operating condi-
tions, an external Schottky diode will give a 1/2% to 1%
improvementinefficiency.
Output Capacitor Selection
The output capacitor values are usually determined by the
capacitorsESR(equivalentseriesresistance).Voltagerating
andRMScurrentcapabilityaretwootherimportantfactorsin
selecting the output capacitor. Recommended capacitors are
tantalum,low-ESRaluminumelectrolytics,andOS-CON.
Theoutputcapacitor’sESRisusuallythemaincauseofoutput
ripple.ThemaximumvalueofESRiscalculatedby:
R
V
I
ESR
OUT
PP
≤
∆
where:
VOUT = peak-to-peak output voltage ripple
IPP = peak-to-peak inductor ripple current
ThetotaloutputrippleisacombinationoftheESRandthe
output capacitance. The total ripple is calculated below:
∆V
I(1D)
Cf
IR
OUT
PP
OUT
S
2
PP
ESR
2
=
×−
×
 +×
()
where:
D = duty cycle
COUT = output capacitance value
fS = switching frequency
The voltage rating of capacitor should be twice the output
voltage for a tantalum and 20% greater for an aluminum
electrolyticorOS-CON.
TheoutputcapacitorRMScurrentiscalculatedbelow:
I
I
12
C
PP
OUT(rms)
=
The power dissipated in the output capacitor is:
PI
R
DISS(C
C
ESR(C
)
OUT
OUT(rms)2
OUT
) =×
Input Capacitor Selection
The input capacitor should be selected for ripple current rating
and voltage rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the input
supply on. Tantalum input capacitor voltage rating should
be at least 2 times the maximum input voltage to maximize
reliability. Aluminum electrolytic, OS-CON, and multilayer
polymerfilmcapacitorscanhandlethehigherinrushcurrents
without voltage derating.
The input voltage ripple will primarily depend on the input
capacitorsESR.Thepeakinputcurrentisequaltothepeak
inductor current, so:
∆VI
R
IN
INDUCTOR(peak)
ESR(C )
IN
=×
The input capacitor must be rated for the input current ripple.
TheRMSvalueofinputcapacitorcurrentisdeterminedat
the maximum output current. Assuming the peak-to-peak
inductor ripple current is low:
II
D(1D)
C (rms) OUT(max)
IN
≈×
×−
The power dissipated in the input capacitor is:
PI
R
DISS(C )
C (rms)
ESR(C )
IN
IN
2
IN
=×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com