Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2202BML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2202BML
Description  High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor MIC2202BML Datasheet HTML 10Page - Micrel Semiconductor MIC2202BML Datasheet HTML 11Page - Micrel Semiconductor MIC2202BML Datasheet HTML 12Page - Micrel Semiconductor MIC2202BML Datasheet HTML 13Page - Micrel Semiconductor MIC2202BML Datasheet HTML 14Page - Micrel Semiconductor MIC2202BML Datasheet HTML 15Page - Micrel Semiconductor MIC2202BML Datasheet HTML 16Page - Micrel Semiconductor MIC2202BML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC2202
March 2007
13
M9999-031907
MIC2202BMM with 1µH Inductor and 2.2µF Output Capacitor
VIN
MIC2202BMM
EN
SYNC_OUT
VIN
VSW
BIAS
SYNC_IN
FB
GND
C2
0.01µF
GND
2
5
4
3
7
GND
C3
2.2µF
C1
1µF
VOUT
600mA
GND
1
6
10
9
8
L1
1µH
R1
10k
R2
see BOM
for values
GND
Figure 7. MIC2202BMM Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
06036D105MAT2
AVX
(1)
C1
GRM185R60J105KE21D
Murata
(2)
1µF Ceramic Capacitor X5R, 6.3V, Size 0603
1
0201ZD103MAT2
AVX
(1)
10nF Ceramic Capacitor 6.3V, Size 0201
C2
GRM033R10J103KA01D
Murata
(2)
10nF Ceramic Capacitor 6.3V, Size 0202
1
06036D225MAT2
AVX
(1)
C3
GRM033R10J103KA01D
Murata
(2)
2.2µF Ceramic Capacitor X5R, 6.3V, Size 0603
1
LQH32CN1R0M53K
Murata
(2)
1µH Inductor 60mΩ (3.2mmx2.5mmx1.55mm)
L1
CDRH2D14-2R2
Sumida
(3)
1.5µH Inductor 63mΩ (3.2mmx3.2mmx1.55mm)
1
R1
CRCW04021002F
Vishay-Dale
(4)
10kΩ 1%, Size 0402
1
CRCW04021781F
1.78kΩ 1%, Size 0402 For 3.3VOUT
CRCW04022491F
2.49kΩ 1%, Size 0402 For 2.5VOUT
CRCW04023831F
3.83kΩ 1%, Size 0402 For 1.8VOUT
CRCW04024991F
4.99kΩ 1%, Size 0402 For 1.5VOUT
CRCW04027151F
7.15kΩ 1%, Size 0402 For 1.2VOUT
CRCW04021002F
Vishay-Dale
(4)
10kΩ 1%, Size 0402 For 1VOUT
R2
N/A
Open
For 0.5VOUT
1
U1
MIC2202BMM
Micrel, Inc.
(5)
2MHz High Efficiency Synchronous Buck Regulator
1
Notes:
1. AVX: www.avx.com
2. Murata: www.murata.com
3. Sumida: www.sumida.com
4. Vishay-Dale: www.vishay.com
5. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com