Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4103 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4103 Datasheet HTML 9Page - Micrel Semiconductor MIC4103 Datasheet HTML 10Page - Micrel Semiconductor MIC4103 Datasheet HTML 11Page - Micrel Semiconductor MIC4103 Datasheet HTML 12Page - Micrel Semiconductor MIC4103 Datasheet HTML 13Page - Micrel Semiconductor MIC4103 Datasheet HTML 14Page - Micrel Semiconductor MIC4103 Datasheet HTML 15Page - Micrel Semiconductor MIC4103 Datasheet HTML 16Page - Micrel Semiconductor MIC4103 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel
MIC4103/4104
November 2010
13
M9999-110910-B
Application Information
The average reverse current and power dissipation due to
reverse recovery can be estimated by:
Time
Recovery
Reverse
t
Current
Recovery
Reverse
Peak
I
:
where
5
.
0
rr
RRM
)
(
)
(
=
=
×
=
×
×
×
=
REV
AVE
RR
RR
S
rr
RRM
AVE
RR
V
I
Pdiode
f
t
I
I
The total diode power dissipation is:
RR
fwd
total
Pdiode
Pdiode
Pdiode
+
=
An optional external bootstrap diode may be used instead
of the internal diode (Figure 6). An external diode may be
useful if high gate charge MOSFETs are being driven and
the power dissipation of the internal diode is contributing to
excessive die temperatures. The voltage drop of the
external diode must be less than the internal diode for this
option to work. The reverse voltage across the diode will
be equal to the input voltage minus the VDD supply voltage.
A 100V Schottky diode will work for most 72V input
telecom applications. The above equations can be used to
calculate power dissipation in the external diode, however,
if the external diode has significant reverse leakage
current, the power dissipated in that diode due to reverse
leakage can be calculated as:
supply
power
the
of
frequency
switching
fs
/
t
Cycle
Duty
D
Voltage
Reverse
Diode
V
T
and
V
at
flow
current
Reverse
I
:
where
)
1
(
ON
REV
J
REV
R
=
=
=
=
=
−
×
×
=
S
REV
R
REV
f
D
V
I
Pdiode
The on-time is the time the high-side switch is conducting.
In most power supply topologies, the diode is reverse
biased during the switching cycle off-time.
HS
HB
HO
Vdd
C
B
LO
Level
shift
HI
LI
Vss
Vin
Figure 6. Optional Bootstrap Diode
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 7 shows a simplified equivalent circuit of the
MIC4103 driving an external MOSFET.
HS
HB
HO
External
FET
Vdd
C
B
Rg
Rg_fet
Ron
Roff
Cgd
Cgs
Figure 7. MIC4103 Driving an External MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com