Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4120 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4120
Description  6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4120 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4120 Datasheet HTML 1Page - Micrel Semiconductor MIC4120 Datasheet HTML 2Page - Micrel Semiconductor MIC4120 Datasheet HTML 3Page - Micrel Semiconductor MIC4120 Datasheet HTML 4Page - Micrel Semiconductor MIC4120 Datasheet HTML 5Page - Micrel Semiconductor MIC4120 Datasheet HTML 6Page - Micrel Semiconductor MIC4120 Datasheet HTML 7Page - Micrel Semiconductor MIC4120 Datasheet HTML 8Page - Micrel Semiconductor MIC4120 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MIC4120/4129
Micrel, Inc.
July 2010
3
M9999-072010
Electrical Characteristics: (TA = 25°C with 4.5V ≤ VS ≤ 20V unless otherwise specified. Note 3.) Input Voltage slew rate
>1V/µs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.4
1.9
V
VIL
Logic 0 Input Voltage
1.5
0.8
V
VIN
Input Voltage Range
–5
VS + 0.3
V
IIN
Input Current
0 V ≤ VIN ≤ VS
–10
10
µA
OUTPUT
VOH
High Output Voltage
See Figure 1
VS–0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
RO
Output Resistance,
IOUT = 10 mA, VS = 20 V
1.4
5
Ω
Output Low
RO
Output Resistance,
IOUT = 10 mA, VS = 20 V
1.5
5
Ω
Output High
IPK
Peak Output Current
VS = 20 V (See Figure 6)
6
A
IR
Latch-Up Protection
200
mA
Withstand Reverse Current
SwItChInG tIMe
tR
Rise Time
Test Figure 1, CL = 2200 pF
12
30
ns
35
ns
tF
Fall Time
Test Figure 1, CL = 2200 pF
13
30
ns
35
ns
tD1
Delay Time
Test Figure 1
45
75
ns
100
ns
tD2
Delay Time
Test Figure 1
50
75
ns
100
ns
POWER SUPPLY
IS
Power Supply Current
VIN = 3 V
0.45
3
mA
VIN = 0 V
60
400
µA
VS
Operating Input Voltage
4.5
20
V
Notes:
1. Functional operation above the absolute maximum stress ratings is not implied.
2. Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to prevent
damage from static discharge.
3. Specification for packaged product only.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5kΩ in series with 100pF.
Absolute Maximum Ratings (Notes 1, 2 and 3)
Supply Voltage ...........................................................24V
Input Voltage ...............................VS + 0.3V to GND – 5V
Input Current (VIN > VS) ..........................................50mA
Storage Temperature............................. –65°C to +150°C
Lead Temperature (10 sec.) ................................... 300°C
ESD Rating, note 4
operating Ratings
Supply Voltage .............................................. 4.5V to 20V
Junction Temperature............................ –40°C to +125°C
Package Thermal Resistance
3x3 MLF™ (qJA) ...............................................60°C/W
EPAD SOIC-8 (qJA) ..........................................58°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com