Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS145P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS145P
Description  BCD-to-Decimal Decoder / Driver (with 15 V outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS145P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS145P Datasheet HTML 1Page - Renesas Technology Corp HD74LS145P Datasheet HTML 2Page - Renesas Technology Corp HD74LS145P Datasheet HTML 3Page - Renesas Technology Corp HD74LS145P Datasheet HTML 4Page - Renesas Technology Corp HD74LS145P Datasheet HTML 5Page - Renesas Technology Corp HD74LS145P Datasheet HTML 6Page - Renesas Technology Corp HD74LS145P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R04DS0007EJ0400 Rev.4.00
Page 1 of 6
Dec 24, 2010
Preliminary Datasheet
HD74LS145
BCD-to-Decimal Decoder / Driver (with 15 V outputs)
This BCD-to-decimal decoder / driver consists of eight inverters and ten four-input NAND gates. The inverters are
connected in pairs to make BCD input data available for decoding by the NAND gates. Full decoding of valid BCD
input logic ensures that all outputs remain off for all invalid binary input conditions. This decoder features high-
performance, n-p-n output transistors designed for use as indicator / relay drivers or as open-collector logic-circuit
drivers.
Features
 Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS145P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS145FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS145RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
Y0
Y1
Y2
Y3
Y4
Y5
Y6
A
B
D
C
Y9
Y8
Y7
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
1
2
6
5
4
3
9
0
8
7
A
B
C
D
Outputs
Outputs
Inputs
R04DS0007EJ0400
(Previous: REJ03D0436-0300)
Rev.4.00
Dec 24, 2010


Similar Part No. - HD74LS145P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS145P HITACHI-HD74LS145P Datasheet
67Kb / 6P
BCD-to-Decimal Decoders / Drivers(with 15V outputs)
logo
Renesas Technology Corp
HD74LS145P RENESAS-HD74LS145P Datasheet
88Kb / 6P
BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS145P RENESAS-HD74LS145P Datasheet
90Kb / 7P
BCD-to-Decimal Decoder / Driver (with 15 V outputs)
More results

Similar Description - HD74LS145P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Texas Instruments
SN74141 TI-SN74141 Datasheet
111Kb / 2P
BCD-TO-DECIMAL DECODER/DRIVER
logo
Renesas Technology Corp
HD74LS145 RENESAS-HD74LS145 Datasheet
88Kb / 6P
BCD-to-Decimal Decoder / Driver (with 15 V outputs)
HD74LS47 RENESAS-HD74LS47 Datasheet
106Kb / 7P
BCD-to-Seven-Segment Decoder / Driver (with 15 V Outputs)
HD74LS145 RENESAS-HD74LS145_15 Datasheet
90Kb / 7P
BCD-to-Decimal Decoder / Driver (with 15 V outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com