Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS145FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS145FPEL
Description  BCD-to-Decimal Decoder / Driver (with 15 V outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS145FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS145FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS145FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74LS145
Preliminary
R04DS0007EJ0400 Rev.4.00
Page 6 of 6
Dec 24, 2010
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
Terminal cross section
(Ni/Pd/Au plating)
Detail F
L
Index mark
1
xM
*3
*1
F
8
9
16
S
S
y
D
Z
e
P-SOP16-3.95x9.9-1.27
0.15g
MASS[Typ.]
FP-16DNV
PRSP0016DG-A
RENESAS Code
JEITA Package Code
Previous Code
0.635
0.15
1.27
5.80
6.20
0.40
0.34
10.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
8°
0°
0.25
1.08
9.90
e
HE
L
A
D
E
A2
A1
bp
b1
c
x
y
Z
L1
c1
θ
L1
bp
bp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com