Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR8CS-12LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR8CS-12LB
Description  Triac Medium Power Use
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8CS-12LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR8CS-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 8Page - Renesas Technology Corp BCR8CS-12LB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BCR8CS-12LB
Preliminary
R07DS0223EJ0400 Rev.4.00
Page 3 of 8
Dec 14, 2010
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Conduction Time (Cycles at 60Hz)
10
10
10
0
25 7
1
20
30
40
50
60
70
80
90
100
10
3
2
42
5 7
34
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
102
7
5
3
2
101
7
5
3
2
100
7
5
100
23
101
57 102 23 5 7 103 23 5 7 104
7
5
3
2
101
7
5
3
2
7
5
3
2
10
102
0.2
0.4
23
10–1
57 100 23 5 7 101 23 5 7
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
23
102
57 103
0
101
103
7
5
3
2
20
102
7
5
3
2
60
100
140160
4
4
0
40
80
120
101
103
7
5
3
2
–
60
–1
–
20
20
102
7
5
3
2
60
100
140160
4
4
–
40
–
60
–
20
–
40
0
40
80
120
Tj = 25°C
Tj = 150°C
PG(AV) = 0.5W
VGM = 10V
PGM = 5W
IGM = 2A
VGT = 1.5V
IFGT I
IRGT I, IRGT III
VGD = 0.1V
Typical Example
IRGT III
IFGT I, IRGT I
Typical Example
Maximum Transient Thermal Impedance
Characteristics (Junction to case)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com