Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR16CS-16LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR16CS-16LB
Description  Triac Medium Power Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CS-16LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR16CS-16LB Datasheet HTML 1Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 2Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 3Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 4Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 5Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 6Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 7Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0226EJ0100 Rev.1.00
Page 1 of 7
Dec 14, 2010
Preliminary Datasheet
BCR16CS-16LB
Triac
Medium Power Use
Features
 I
T (RMS) : 16 A
 V
DRM : 800 V
 I
FGTI, IRGTI, IRGT III : 30 mA
 The product guaranteed maximum junction
temperature of 150°C
 Non-Insulated Type
 Planar Passivation Type
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
Applications
Contactless AC switch, light dimmer, electronic flasher unit, hair drier, control of household equipment such as TV sets,
stereo systems, refrigerator, washing machine, infrared kotatsu, carpet, electric fan, solenoid driver, small motor control,
solid state relay, copying machine, electric tool, electric heater control, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
16
Unit
Repetitive peak off-state voltage
Note1
VDRM
800
V
Non-repetitive peak off-state voltage
Note1
VDSM
960
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
16
A
Commercial frequency sine full wave
360° conduction Tc = 125
CNote3
Surge on-state current
ITSM
160
A
60Hzsinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
106.5
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +150
C
Storage temperature
Tstg
– 40 to +150
C
Mass
—
1.3
g
Typical value
Notes: 1. Gate open.
R07DS0226EJ0100
Rev.1.00
Dec 14, 2010


Similar Part No. - BCR16CS-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS-16LB RENESAS-BCR16CS-16LB_15 Datasheet
108Kb / 8P
Triac Medium Power Use
More results

Similar Description - BCR16CS-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10KM-12LC RENESAS-BCR10KM-12LC Datasheet
124Kb / 8P
Triac Medium Power Use
BCR10PM-12LG RENESAS-BCR10PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12PM-12LG RENESAS-BCR12PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12KM-12LA RENESAS-BCR12KM-12LA Datasheet
139Kb / 8P
Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC Datasheet
107Kb / 8P
Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE Datasheet
91Kb / 8P
Triac Medium Power Use
BCR8PM-14LG RENESAS-BCR8PM-14LG Datasheet
128Kb / 8P
Triac Medium Power Use
BCR8CM-12LA RENESAS-BCR8CM-12LA Datasheet
109Kb / 7P
Triac Medium Power Use
BCR8CS-12LA RENESAS-BCR8CS-12LA Datasheet
114Kb / 7P
Triac Medium Power Use
BCR5KM-12LA RENESAS-BCR5KM-12LA Datasheet
147Kb / 8P
Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com