Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5239BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5239BMM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5239BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel
MIC5239
December 2007
4
M9999-121007
Absolute Maximum Ratings(1)
Supply Voltage (VIN) ...................................... –20V to +32V
Enable Input Voltage (VEN)............................ –0.3V to +32V
Power Dissipation (PD)
(3) ...........................Internally Limited
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (TS).........................–65°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260
°C
ESD Rating(4)
SOT-23-3L ............................................................... 2kV
MSOP-8L .............................................................. 1.5kV
Operating Ratings(2)
Supply Voltage (VIN).......................................... 2.3V to 30V
Enable Input Voltage (VEN)................................... 0V to 30V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
MSOP
(θJA)....................................................... 80°C/W
SOT-223
(θJA)................................................... 50°C/W
Electrical Characteristics(5)
VIN = VOUT + 1V; VEN ≥ 2.0V; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy
Variation from nominal VOUT
–1
–2
1
2
%
%
∆VOUT/VOUT
Line Regulation
VIN = VOUT +1V to 30V
0.06
0.5
%
∆VOUT/VOUT
Load Regulation
IOUT = 100µA to 500mA
(6)
15
30
mV
IOUT = 100µA
50
mV
IOUT = 150mA
260
350
400
mV
mV
∆V
Dropout Voltage
(7)
IOUT = 500mA
350
mV
VEN ≥ 2.0V, IOUT = 100µA
23
40
45
µA
µA
VEN ≥ 2.0V, IOUT = 150mA
1.3
5
mA
IGND
Ground Pin Current
VEN ≥ 2.0V, IOUT = 500mA
8.5
15
mA
IGND(SHDN)
Ground Pin Shutdown
VEN ≤ 0.6V, VIN = 30V
0.1
1
µA
ISC
Short Circuit Current
VOUT = 0V
850
1200
mA
en
Output Noise
10Hz to 100kHz, VOUT = 3.0V, CL = 3.3µF
160
µVrms
FLAG Output
Low Threshold
% of VOUT
94
%
VFLG
High Threshold
% of VOUT
95
%
VOL
FLAG Output Low Voltage
VIN = VOUT(nom) – 0.12VOUT, IOL = 200µA
150
mV
ILEAK
FLAG Output Leakage
VOH = 30V
0.1
µA
Enable Input
VIL
Input Low Voltage
regulator off
0.6
V
VIH
Input High Voltage
regulator on
2.0
V
VEN = 0.6V, regulator off
–1.0
–2.0
0.01
1.0
2.0
µA
µA
VEN = 2.0V, regulator on
0.15
1.0
2.0
µA
µA
IIN
Enable Input Current
VEN = 30V, regulator on
0.5
2.5
5.0
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com