Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5301YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5301YML
Description  Single, 150mA 關Cap ULDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5301YML Datasheet HTML 1Page - Micrel Semiconductor MIC5301YML Datasheet HTML 2Page - Micrel Semiconductor MIC5301YML Datasheet HTML 3Page - Micrel Semiconductor MIC5301YML Datasheet HTML 4Page - Micrel Semiconductor MIC5301YML Datasheet HTML 5Page - Micrel Semiconductor MIC5301YML Datasheet HTML 6Page - Micrel Semiconductor MIC5301YML Datasheet HTML 7Page - Micrel Semiconductor MIC5301YML Datasheet HTML 8Page - Micrel Semiconductor MIC5301YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5301
April 2008
2
M9999-042108
Ordering Information
Part number
Marking
Code
(1)
Output
Voltage
(2)
Temperature Range
Package
MIC5301-2.85YML
(4)
2JC
2.85V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm MLF
®
MIC5301YML
(4)
CAA
ADJ.
–40°C to +125°C
6-Pin 1.6mm x 1.6mm MLF
®
MIC5301-1.3YMT
(3,4)
13C
1.3V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-1.5YMT
(3,4)
15C
1.5V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-1.8YMT
(3,4)
18C
1.8V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.1YMT
(3,4)
21C
2.1V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.5YMT
(3,4)
25C
2.5V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.6YMT
(3,4)
26C
2.6V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.8YMT
(3,4)
28C
2.8V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.85YMT
(3,4)
2JC
2.85V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-2.9YMT
(3,4)
29C
2.9V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-3.0YMT
(3,4)
30C
3.0V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-3.3YMT
(3,4)
33C
3.3V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-4.6YMT
(3,4)
46C
4.6V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301YMT
(3,4)
CAA
ADJ.
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5301-1.3YD5
QC13
1.3V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-1.5YD5
QC15
1.5V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-1.8YD5
QC18
1.8V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.1YD5
QC21
2.1V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.5YD5
QC25
2.5V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.6YD5
QC26
2.6V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.8YD5
QC28
2.8V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.85YD5
QC2J
2.85V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-2.9YD5
QC29
2.9V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-3.0YD5
QC30
3.0V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-3.3YD5
QC33
3.3V
–40°C to +125°C
5-Pin TSOT-23
MIC5301-4.6YD5
QC46
4.6V
–40°C to +125°C
5-Pin TSOT-23
MIC5301YD5
QCAA
ADJ.
–40°C to +125°C
5-Pin TSOT-23
Notes:
1.
Under bar / Over bar symbol may not be to scale.
2.
Other Voltages available. Contact Micrel for details.
3.
Thin MLF
® Pin 1 indicator = ▲.
4.
MLF
® Thin MLF® are GREEN RoHS compliant packages. Lead Finish is NiPdAu. Mold compound is Halogen Free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com